Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED25 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STLED25
Description  5 channels step-up white LED driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED25 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STLED25 Datasheet HTML 9Page - STMicroelectronics STLED25 Datasheet HTML 10Page - STMicroelectronics STLED25 Datasheet HTML 11Page - STMicroelectronics STLED25 Datasheet HTML 12Page - STMicroelectronics STLED25 Datasheet HTML 13Page - STMicroelectronics STLED25 Datasheet HTML 14Page - STMicroelectronics STLED25 Datasheet HTML 15Page - STMicroelectronics STLED25 Datasheet HTML 16Page - STMicroelectronics STLED25 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
STLED25
Typical application performance
Doc ID 022323 Rev 3
13/30
5.7
Absolute channel accuracy
Figure 10.
Absolute channel accuracy - set string current to 20 mA
5.8
Current matching between LED strings
Figure 11.
Current matching - set string current to 20 mA
AM09928v1
-5
-4
-3
-2
-1
0
1
2
3
4
5
2.1 2.3 2.5 2.7 2.9 3.1 3.33.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5 5.7 5.9
VIN [V]
-30°C-ID1
-30°C-ID2
-30°C-ID3
-30°C-ID4
-30°C-ID5
25°C-ID1
25°C-ID2
25°C-ID3
25°C-ID4
25°C-ID5
85°C-ID1
85°C-ID2
85°C-ID3
85°C-ID4
85°C-ID5
AM09929v1
-4
-3
-2
-1
0
1
2
3
4
2.1 2.3 2.5 2.7 2.9 3.1 3.33.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5 5.7 5.9
VIN [V]
-30°C-ID1
-30°C-ID2
-30°C-ID3
-30°C-ID4
-30°C-ID5
25°C-ID1
25°C-ID2
25°C-ID3
25°C-ID4
25°C-ID5
85°C-ID1
85°C-ID2
85°C-ID3
85°C-ID4
85°C-ID5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com