Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED25 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STLED25
Description  5 channels step-up white LED driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED25 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STLED25 Datasheet HTML 5Page - STMicroelectronics STLED25 Datasheet HTML 6Page - STMicroelectronics STLED25 Datasheet HTML 7Page - STMicroelectronics STLED25 Datasheet HTML 8Page - STMicroelectronics STLED25 Datasheet HTML 9Page - STMicroelectronics STLED25 Datasheet HTML 10Page - STMicroelectronics STLED25 Datasheet HTML 11Page - STMicroelectronics STLED25 Datasheet HTML 12Page - STMicroelectronics STLED25 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
STLED25
Electrical characteristics
Doc ID 022323 Rev 3
9/30
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IRIPPLE
LED peak-to-peak current
ripple (1) (2)
VIN = 2.5 V; ILED = 20 mA at
all channels,
EN13PWM = EN45PWM
500
µA
VIN = 2.5 V; ILED = 20 mA at
all channels,
EN13PWM = EN45PWM
4000
PWMLIN
PWM linearity(1) (2)
1/255 PWM, 300 Hz, 20 mA
on all drivers, VIN = 2.5 V
(3)
10
%
25/255 PWM, 300 Hz, 20
mA on all drivers, VIN = 2.5 V
(3)
2%
ILED_LEAK
LED driver leakage in OFF
state
VOUT = 7.5 V
0.5
µA
ILED_MAX
LED driver max current
25
mA
Line_tr
Line transient response (1)
VINTR=+/-350mV,10µs step
30
%
fDIM
PWM dimming frequency
100
800
Hz
DDIM
Duty cycle of PWM dimming
0.39
100
%
Logic inputs
REN
Internal pull-down resistor
100
k
Ω
VIL
EN low-level input voltage
VIN = 2.7 V to 4.5 V
0.68
V
VIN = 2.3 V to 5.5 V
0.55
VIH
EN high-level input voltage
VIN = 2.7 V to 4.5 V
1.07
V
VIN = 2.3 V to 5.5 V
1.14
ILK-I
EN input leakage current
VEN = VIN = 4.2 V, 100 k
internal pulldowns
42
µA
Power switches
RDSON
P-channel on resistance
880
m
Ω
N-channel on resistance
450
ILKG-LX
LX leakage current
VIN=VLX=4.8V; VEN=0
1
µA
1.
Not tested in production
2.
10% value reduction at VIN = 2.3 V
3.
The PWM linearity is measured on the mean value of the output current in PWM mode in the 100 ms window. The
frequency of the PWM is 300 Hz
Table 6.
Electrical characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com