Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED25 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STLED25
Description  5 channels step-up white LED driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED25 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STLED25 Datasheet HTML 2Page - STMicroelectronics STLED25 Datasheet HTML 3Page - STMicroelectronics STLED25 Datasheet HTML 4Page - STMicroelectronics STLED25 Datasheet HTML 5Page - STMicroelectronics STLED25 Datasheet HTML 6Page - STMicroelectronics STLED25 Datasheet HTML 7Page - STMicroelectronics STLED25 Datasheet HTML 8Page - STMicroelectronics STLED25 Datasheet HTML 9Page - STMicroelectronics STLED25 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Pin configuration
STLED25
6/30
Doc ID 022323 Rev 3
2
Pin configuration
Figure 3.
Pin configuration (top view)
Table 3.
Pin description
Pin name
Pin number
Description
VIN
A1
Supply from battery
ISET
A2
Resistor to GND from 1.28 V (typ.) internal reference: 390x current
multiplier
D1
A3
String 1 controlled by EN13
EN13
B1
Positive polarity. EN13 & 45 Low = IC shutdown
EN45
B2
Positive polarity. EN13 & EN45 Low = IC shutdown
D2
B3
String 2 controlled by EN13
GND
C1
Power ground and IC ground
D5
C2
String 5 controlled by EN45
D3
C3
String 3 controlled by EN13
SW
D1
Inductor connection to internal switch
VOUT
D2
DC-DC output to VOUT capacitor
D4
D3
String 4 controlled by EN45
VIN
ISET
D1
EN13
EN45
D2
GND
D5
D3
SW
VOUT
D4
AM09921v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com