Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3389EF Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP3389EF
Description  12?밪tring, Step-up White LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3389EF Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP3389EF Datasheet HTML 3Page - Monolithic Power Systems MP3389EF Datasheet HTML 4Page - Monolithic Power Systems MP3389EF Datasheet HTML 5Page - Monolithic Power Systems MP3389EF Datasheet HTML 6Page - Monolithic Power Systems MP3389EF Datasheet HTML 7Page - Monolithic Power Systems MP3389EF Datasheet HTML 8Page - Monolithic Power Systems MP3389EF Datasheet HTML 9Page - Monolithic Power Systems MP3389EF Datasheet HTML 10Page - Monolithic Power Systems MP3389EF Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MP3389—12-STRING WHITE LED DRIVER WITH STEP-UP CONTROLLER
MP3389 Rev. 1.04
www.MonolithicPower.com
7
3/27/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN =12V, 14 LEDs in series, 12 strings parallel, 20mA/string, unless otherwise noted.
VSW
20V/div.
VSW
20V/div.
VIN
5V/div.
VLED1
1V/div.
VOUT (AC)
1V/div.
VOUT
20V/div.
ILED1
20mA/div.
ILED
200mA/div.
VSW
20V/div.
VSW
20V/div.
VEN
5V/div.
VOUT
20V/div.
VBOSC
500mV/div.
VOUT
20V/div.
ILED
200mA/div.
ILED
200mA/div.
VSW
20V/div.
VOUT
20V/div.
VPWM1
5V/div.
ILED
200mA/div.
Steady State
Vin Startup
Ven Startup
VSW
20V/div.
VSW
20V/div.
VOUT
20V/div.
VOUT
20V/div.
VFAULT
5V/div.
VLED1
20V/div.
ILED
200mA/div.
VSW
20V/div.
VOUT
50V/div.
VFAULT
5V/div.
ILED
200mA/div.
ILED
100mA/div.
Open LED Protection
open all LED strings at working
Short LED Protection
short VOUT to LEDx at working
Short LED Protection
short VOUT to GND at working
Efficiency vs. Input Voltage
0.7
0.75
0.8
0.85
0.9
0.95
612
18
24
30
INPUT VOLTAGE (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com