Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3389EF Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP3389EF
Description  12?밪tring, Step-up White LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3389EF Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP3389EF Datasheet HTML 6Page - Monolithic Power Systems MP3389EF Datasheet HTML 7Page - Monolithic Power Systems MP3389EF Datasheet HTML 8Page - Monolithic Power Systems MP3389EF Datasheet HTML 9Page - Monolithic Power Systems MP3389EF Datasheet HTML 10Page - Monolithic Power Systems MP3389EF Datasheet HTML 11Page - Monolithic Power Systems MP3389EF Datasheet HTML 12Page - Monolithic Power Systems MP3389EF Datasheet HTML 13Page - Monolithic Power Systems MP3389EF Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MP3389—12-STRING WHITE LED DRIVER WITH STEP-UP CONTROLLER
MP3389 Rev. 1.04
www.MonolithicPower.com
10
3/27/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
directly applied to the DBRT pin to modulate the
LED current. And the DC signal is then converted
to a DPWM dimming signal at the setting
oscillation frequency.
The brightness of the LED array is proportional to
the duty cycle of the DPWM signal. The DPWM
signal frequency is set by the cap at the BOSC
pin.
Open String Protection
The open string protection is achieved through
the over voltage protection. If one or more strings
are open, the respective LEDX pins are pulled to
ground and the IC keeps charging the output
voltage until it reach OVP threshold. Then the
part will mark off the open strings whose LEDX
pin voltage is less than 180mV. Once the mark-
off operation completes, the remaining LED
strings will force the output voltage back into tight
regulation. The string with the highest voltage
drop is the ruling string during output regulation.
The MP3389 always tries to light at least one
string and if all strings in use are open, the
MP3389 shuts down the step-up converter. The
part will maintain mark-off information until the
part shuts down.
Short String Protection
The MP3389 monitors the LEDX pin voltage to
judge if the short string occurs. If one or more
strings are short, the respective LEDX pins will
be pulled up to the boost output and tolerate high
voltage stress. If the LEDX pin voltage is higher
than 5.5V, the short string condition is detected
on the respective string. When the short string
fault (LEDX over-voltage fault) continues for
greater than 512 switching clocks, the string is
marked off and disabled. Once a string is marked
off, its current regulation is forced to disconnect
from the output voltage loop regulation. The
marked-off LED strings will be shut off totally until
the part restarts. If all strings in use are short, the
MP3389 will shut down the step-up converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com