Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3391 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP3391
Description  8-Channel, 120mA/ch Step-Up WLED Driver Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3391 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP3391 Datasheet HTML 1Page - Monolithic Power Systems MP3391 Datasheet HTML 2Page - Monolithic Power Systems MP3391 Datasheet HTML 3Page - Monolithic Power Systems MP3391 Datasheet HTML 4Page - Monolithic Power Systems MP3391 Datasheet HTML 5Page - Monolithic Power Systems MP3391 Datasheet HTML 6Page - Monolithic Power Systems MP3391 Datasheet HTML 7Page - Monolithic Power Systems MP3391 Datasheet HTML 8Page - Monolithic Power Systems MP3391 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
MP3391—8-CHANNEL, 120mA/CH STEP-UP WLED DRIVER CONTROLLER
MP3391 Rev. 1.11
www.MonolithicPower.com
5
3/14/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN =18V, VEN = 5V, TA = +25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
LED CURRENT REGULATION
ISET Voltage
VISET
1.21
1.23
1.25
V
LEDX Average Current
ILED
RISET=20kΩ
58.9
60.4
61.9
mA
Current Matching (5)
ILED=60.4mA
2.5
%
LEDX Regulation Voltage
VLEDX
ILED=60.4mA
450
mV
PROTECTION
OVP Over Voltage Threshold
VOVP_OV
Rising Edge
1.20
1.24
1.28
V
OVP UVLO threshold
VOVP_UV
Step-up Converter Fails
50
80
110
mV
LEDX UVLO Threshold
VLEDX_UV
140
190
240
mV
SSET Voltage Gain
Short LED Voltage Threshold
4.2
4.5
4.8
TSET Source Current
ITSET
40
50
60
μA
TSET Fault Threshold
1.20
1.24
1.28
V
Thermal Shutdown Threshold
TST
150
℃
FF Pull Down Resistance
RFF
100
Ω
VFAULT Pull Down Current
IFAULT
40
55
70
μA
VFAULT Blocking-Off Voltage
(with Respect to VIN)
VFAULT
VIN =18V, VIN-VFAULT
6
V
Notes:
5) Matching is defined as the difference of the maximum to minimum current divided by 2 times average currents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com