Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3391 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP3391
Description  8-Channel, 120mA/ch Step-Up WLED Driver Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3391 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP3391 Datasheet HTML 10Page - Monolithic Power Systems MP3391 Datasheet HTML 11Page - Monolithic Power Systems MP3391 Datasheet HTML 12Page - Monolithic Power Systems MP3391 Datasheet HTML 13Page - Monolithic Power Systems MP3391 Datasheet HTML 14Page - Monolithic Power Systems MP3391 Datasheet HTML 15Page - Monolithic Power Systems MP3391 Datasheet HTML 16Page - Monolithic Power Systems MP3391 Datasheet HTML 17Page - Monolithic Power Systems MP3391 Datasheet HTML 18Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
MP3391—8-CHANNEL, 120mA/CH STEP-UP WLED DRIVER CONTROLLER
MP3391 Rev. 1.11
www.MonolithicPower.com
16
3/14/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
0
R3
NC
R2
10
R17
NC
C7
VIN
GND
FF
EN
DIMMING
C3
JP1
NC
C4 C1
F1
L1 (3A)
Inductor
B360
D1
NC
C8
C5
C2
C6
316k
R1
0
R6
10k
R9
100pF
C9
R4
LED+
LED1
LED2
LED3
LED4
LED5
LED6
LED7
LED8
10
R18
10
R20
10
R22
10
R24
10
R25
10
R27
10
R29
C12
0
R5
M2
NC
2k
R19
20k
R21
NC
R31
130k
R30
NC
R28
332k
R26
NC
C14
20.5k
R23
470nF
C15
NC
C13
100k
R16
51.1k
R15
2k
R13
20k
R14
10k
R7
C10
0
R12
100nF
C11
OVP1
0.10
R10
NC
R11
M1
10V-28V
12S 8P 60mA/string
VCC
AM4499P
M3
NC
28
DBRT
6
OSC
7
VCC
3
LED6
18
LED3
15
OVP
22
ISENSE
24
SSET
12
NUMSEL
21
TSET
10
ISET
11
GND
8
BOSC
9
COMP
4
EN
5
FF
26
VIN
2
LED8
20
LED7
19
LED5
17
LED4
16
LED2
14
LED1
13
VDD
1
PGND
23
GATE
25
VFAULT
27
MP3391EF
U1
Figure 8— MP3391 Application with Disconnection Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com