Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3391EF Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP3391EF
Description  8-Channel, 120mA/ch Step-Up WLED Driver Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3391EF Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP3391EF Datasheet HTML 2Page - Monolithic Power Systems MP3391EF Datasheet HTML 3Page - Monolithic Power Systems MP3391EF Datasheet HTML 4Page - Monolithic Power Systems MP3391EF Datasheet HTML 5Page - Monolithic Power Systems MP3391EF Datasheet HTML 6Page - Monolithic Power Systems MP3391EF Datasheet HTML 7Page - Monolithic Power Systems MP3391EF Datasheet HTML 8Page - Monolithic Power Systems MP3391EF Datasheet HTML 9Page - Monolithic Power Systems MP3391EF Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
MP3391—8-CHANNEL, 120mA/CH STEP-UP WLED DRIVER CONTROLLER
MP3391 Rev. 1.11
www.MonolithicPower.com
6
3/14/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
VDD
The Internal 10V Linear Regulator Output. VDD provides power supply for the internal
MOSFET switch gate driver circuitry. Bypass VDD to GND with a ceramic capacitor.
2
VIN
Supply Input. VIN supplies the power to the chip, Drive VIN with 9V to 35V power source.
Must be locally bypassed with a ceramic capacitor..
3
VCC
Option NC. The Internal 5V Linear Regulator Output. VCC provides power supply for the
internal control circuitry. Bypass VCC to GND with a ceramic capacitor.
4
COMP
Step-up Converter Compensation Pin. This pin is used to compensate the regulation
control loop. Connect a capacitor or a series RC network from COMP to GND.
5
EN
Enable Control Input. Do not let this pin floating.
6
DBRT
Brightness Control Input. To use external PWM dimming mode, apply a PWM signal on
this pin for brightness control. To use DC input PWM dimming mode, apply a DC voltage
range from 0.2V to 1.2V on this pin linearly to set the internal dimming duty cycle from 0%
to 100%. The MP3391 has positive dimming polarity on DBRT.
7
OSC
Switching Frequency Set. Connect a resistor between OSC and GND to set the step-up
converter switching frequency. The voltage at this pin is regulated to 1.23V. The clock
frequency is proportional to the current sourced from this pin.
8
GND
Analog Ground.
9
BOSC
Dimming Repetition Set. This is the timing pin for the oscillator to set the dimming
frequency. To use DC input PWM dimming mode, connect a capacitor from this pin to
GND to set the internal dimming frequency. A saw-tooth waveform is generated on this
pin. To use external PWM dimming mode, connect a resistor from this pin to GND, and
apply the PWM signal on DBRT pin.
10
TSET
Short LED Protection Timer Set. Connect a ceramic capacitor on this pin to set the
protection timer. The protection is triggered when internal 50uA current source charges
the capacitor voltage to 1.24V. Tset(ms)=0.0248×C(nF), Tset is about 11.7ms for 470nF
capacitor.
11
ISET
LED Current Set. Tie a current setting resistor from this pin to ground to program the
current in each LED string. This pin voltage is regulated to 1.23V. the LED current is
proportional to the current through the ISET resistor.
12
SSET
Short LED Protection Voltage Threshold Set. Connect this pin to VCC through external
divide resistors to set the short LED protection threshold. When LEDX pin voltage reaches
4.5 times of SSET pin voltage, the TSET pin capacitor is charged up for a protection timer.
Vshort= 4.5×Vsset.
13
LED1
LED String 1 Current Input. This pin is the open-drain output of an internal dimming
control switch. Connect the LED String 1 cathode to this pin.
14
LED2
LED String 2 Current Input. This pin is the open-drain output of an internal dimming
control switch. Connect the LED String 2 cathode to this pin.
15
LED3
LED String 3 Current Input. This pin is the open-drain output of an internal dimming
control switch. Connect the LED String 3 cathode to this pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com