Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3391EF Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP3391EF
Description  8-Channel, 120mA/ch Step-Up WLED Driver Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3391EF Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP3391EF Datasheet HTML 7Page - Monolithic Power Systems MP3391EF Datasheet HTML 8Page - Monolithic Power Systems MP3391EF Datasheet HTML 9Page - Monolithic Power Systems MP3391EF Datasheet HTML 10Page - Monolithic Power Systems MP3391EF Datasheet HTML 11Page - Monolithic Power Systems MP3391EF Datasheet HTML 12Page - Monolithic Power Systems MP3391EF Datasheet HTML 13Page - Monolithic Power Systems MP3391EF Datasheet HTML 14Page - Monolithic Power Systems MP3391EF Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
MP3391—8-CHANNEL, 120mA/CH STEP-UP WLED DRIVER CONTROLLER
MP3391 Rev. 1.11
www.MonolithicPower.com
11
3/14/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Open String Protection
The open string protection is achieved through
detecting the voltage of OVP and LED1~8 pin. If
one or more strings are open, the respective
LEDX pins are pulled to ground and the IC keeps
charging the output voltage until it reach OVP
threshold. Then the part marks off the open
strings whose LEDX pin voltage is less than
190mV. Once the mark-off operation completes,
the remaining LED strings will force the output
voltage back into tight regulation. The string with
the highest voltage drop is the ruling string during
output regulation.
The MP3391 always tries to light at least one
string and if all strings in use are open,
theMP3391 shuts down the step-up converter.
The part maintains mark-off information until
resetting it.
Short String Protection
The MP3391 monitors the LEDX pin voltage to
judge if the short string occurs. If one or more
strings are short, the respective LEDX pins
tolerate high voltage stress. If the LEDX pin
voltage is higher than threshold programmed by
SSET pin, the short string condition is detected
on the respective string. When the short string
fault (LEDX over-voltage fault) continues for
greater than protection timer programmed by
TSET capacitor, the string is marked off and
disabled. Once a string is marked off, its current
regulation is forced to disconnect from the output
voltage loop regulation. The marked-off LED
strings will be shut off totally until the part restarts.
If all strings in use are short, the MP3391 shuts
down the step-up converter.
When the open or short protection is triggered,
the FF pin will be pull to GND. the pull-up resistor
RFF and FF pin achieve the fault flag function to
indicate the system status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com