Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3393EY Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3393EY
Description  8-String Step-Up White LED Driver with External Transistor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3393EY Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3393EY Datasheet HTML 1Page - Monolithic Power Systems MP3393EY Datasheet HTML 2Page - Monolithic Power Systems MP3393EY Datasheet HTML 3Page - Monolithic Power Systems MP3393EY Datasheet HTML 4Page - Monolithic Power Systems MP3393EY Datasheet HTML 5Page - Monolithic Power Systems MP3393EY Datasheet HTML 6Page - Monolithic Power Systems MP3393EY Datasheet HTML 7Page - Monolithic Power Systems MP3393EY Datasheet HTML 8Page - Monolithic Power Systems MP3393EY Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
MP3393
8-String Step-Up White LED Driver
with External Transistor
MP3393 Rev. 1.05
www.MonolithicPower.com
1
3/26/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP3393 is a step-up controller with 8
current channel sources designed to power
WLED backlights for large LCD panels.
The MP3393 uses current-mode fixed-frequency
architecture. It drives an external MOSFET to
boost the output voltage. The switching frequency
is programmable by an external setting resistor.
The MP3393 integrates a constant-current control
circuit to regulate the current in each LED string
to the value set by an external current feedback
resistor. Current matching can achieve 1.2%
regulation accuracy between strings. Its low
202mV regulation voltage reduces power loss
and improves efficiency.
The MP3393 includes protections including
under-voltage lockout, LED open/short protection,
and thermal shutdown. The fault flag pin indicates
the statuses of all fault signals.
The MP3393 can be daisy-chained to expand
the number of LED channels. It is available in
TSSOP28EP and SOIC28 packages.
FEATURES
• 9V-to-32V Input Voltage Range
• Drives 8 Channels of LED strings
• Internal Constant-Current Control
• Maximum Channel Current Over 350mA
• 1.2% Current Matching Accuracy Between
Strings
• Programmable Switching Frequency
• Analog Dimming and External PWM
Dimming
• Open and Short LED Protection
• Programmable Over-Voltage Protection
• Fault Output Flag
• Thermal Shutdown
• Extendable LED Channels that Share One
Power Stage Set
• TSSOP28EP and SOIC28 Packages
APPLICATIONS
• Flat Panel Video Displays
• LCD TVs and Monitors
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.


Similar Part No. - MP3393EY

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3393EF MPS-MP3393EF Datasheet
301Kb / 7P
Step-Up,8-String, External Transistor White LED Driver Evaluation Board
More results

Similar Description - MP3393EY

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP2592 EUTECH-EUP2592 Datasheet
53Kb / 1P
8-String White LED Driver for LCD 8-String White LED Driver for LCD
logo
Monolithic Power System...
MP3388 MPS-MP3388 Datasheet
342Kb / 14P
50V, 8-String White LED Driver
MP3388S MPS-MP3388S Datasheet
477Kb / 15P
50V, 8-String, Step-Up, White LED Driver
MP3394 MPS-MP3394 Datasheet
401Kb / 17P
Step-up, 4-String Max 200mA/String White LED Driver
MP3394S MPS-MP3394S Datasheet
425Kb / 17P
Step-Up, 4-String Max 200mA/String White LED Driver
MP3397 MPS-MP3397 Datasheet
396Kb / 16P
Step-Up, 4-String Max 350mA/String White LED Driver
MP3387A MPS-MP3387A Datasheet
443Kb / 16P
6-String, Max 80mA/String, Step-Up, White LED Driver with Combined Analog and PWM Dimming
EV3393-F-00A MPS-EV3393-F-00A Datasheet
301Kb / 7P
Step-Up,8-String, External Transistor White LED Driver Evaluation Board
EV3388EY-00A MPS-EV3388EY-00A Datasheet
232Kb / 4P
8 string White LED Driver Evaluation Board
EV3391EF-00A MPS-EV3391EF-00A Datasheet
204Kb / 7P
8 String White LED Driver Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com