Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3393EY Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP3393EY
Description  8-String Step-Up White LED Driver with External Transistor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3393EY Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP3393EY Datasheet HTML 11Page - Monolithic Power Systems MP3393EY Datasheet HTML 12Page - Monolithic Power Systems MP3393EY Datasheet HTML 13Page - Monolithic Power Systems MP3393EY Datasheet HTML 14Page - Monolithic Power Systems MP3393EY Datasheet HTML 15Page - Monolithic Power Systems MP3393EY Datasheet HTML 16Page - Monolithic Power Systems MP3393EY Datasheet HTML 17Page - Monolithic Power Systems MP3393EY Datasheet HTML 18Page - Monolithic Power Systems MP3393EY Datasheet HTML 19Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
MP3393—8-STRING WHITE LED DRIVER WITH STEP-UP CONTROLLER
MP3393 Rev. 1.05
www.MonolithicPower.com
15
3/26/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
the output voltage reaches the programmed OVP
threshold, the protection will be triggered.
To make sure the chip function properly, the OVP
setting resistor divider must be set with a proper
value. The recommended OVP point is about 1.1
to 1.2×VOUT for normal operation.
VOVP=1.23V*(R1+R2)/R2
Extending LED Channels applications
The MP3393 can be daisy-chained to expand the
number of LED channels using two or more
MP3393s in parallel. To connect two MP3393s
for a total of 16 LED strings, see Figure 5. Tie the
VCC pins of the master and the slave IC together
to provide power to the slave IC internal logic
circuitry. Also tie the COMP pins of the master
and the slave ICs together to regulate the voltage
of all 16 strings LEDs. The MOSFET driving
signals of the slave IC are not used, the boost
converter can be only driven by the master IC.
Do not leave the slave ISENSE pin floating; tie it
to GND. The EN and DIM signals should be
applied to both ICs. Use external PWM dimming
mode
to
achieve
accurate
dimming
synchronization of both parts.
Layout Considerations
Pay close attention to the PCB board layout and
components placement. Proper layout of the high
frequency switching path can prevent noise and
electromagnetic interference problems. The high-
frequency pulse current runs through the loop of
the external MOSFET (M2), output diode (D1,
D2), and output capacitor (C3, C4). This loop
must be must be as small as possible (See
Figure 3).
Figure 3: Layout Suggestion
The exposed IC pad internally connects to the
GND pin, and all logic signals refer to GND. The
PGND should connect externally to GND and
should be kept away from the logic signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com