Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3399 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP3399
Description  12-String, Cascading White LED Driver For Extending LED Channels
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3399 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP3399 Datasheet HTML 1Page - Monolithic Power Systems MP3399 Datasheet HTML 2Page - Monolithic Power Systems MP3399 Datasheet HTML 3Page - Monolithic Power Systems MP3399 Datasheet HTML 4Page - Monolithic Power Systems MP3399 Datasheet HTML 5Page - Monolithic Power Systems MP3399 Datasheet HTML 6Page - Monolithic Power Systems MP3399 Datasheet HTML 7Page - Monolithic Power Systems MP3399 Datasheet HTML 8Page - Monolithic Power Systems MP3399 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
MP3399-12-STRING, CASCADING WHITE LED DRIVER WITH STEP-UP CONTROLLER
MP3399 Rev. 1.0
www.MonolithicPower.com
3
3/27/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Package
Top Marking
Free Air Temperature (TA)
MP3399EF*
TSSOP28
3399EF
-20
°C to +85°C
MP3399EY**
SOIC28
3399EY
-20
°C to +85°C
*
For Tape & Reel, add suffix –Z (eg. MP3399EF–Z).
For RoHS compliant packaging, add suffix –LF (eg. MP3399EF–LF–Z)
**
For Tape & Reel, add suffix –Z (eg. MP3399EY–Z).
For RoHS compliant packaging, add suffix –LF (eg. MP3399EY–LF–Z)
PACKAGE REFERENCE
DBRT
LED1
VCC
LED2
EN
LED3
26
25
24
23
OVP
28
27
9
10
7
8
VIN
COMP
OSC
GND
ISET
BOSC
GATE
ISENSE
PGND
VFAULT
TOP VIEW
20
19
22
21
3
4
5
6
1
2
NC
LED7
LED8
LED4
16
15
18
17
13
14
11
12
LED10
LED9
LED11
LED12
NC
LED6
LED5
TSSOP28
SOIC28
ABSOLUTE MAXIMUM RATINGS
(1)
VIN .................................................-0.3V to +30V
VGATE ..............................................-0.5V to 6.8V
VVCC................................................-0.5V to 6.8V
VLED1 to VLED12 ..................................-1V to +50V
All Other Pins...............................-0.3V to +6.3V
Continuous Power Dissipation (TA = +25°C)
(2)
TSSOP28…………………………………...3.9 W
SOIC28………………………………………2.1W
Junction Temperature...............................150
°C
Lead Temperature ....................................260
°C
Storage Temperature............... -65
°C to +150°C
Recommended Operating Conditions
(3)
Supply Voltage VIN ..............................5V to 28V
LED Current (Backlight) .............10mA to 60mA
Maximum Junction Temp. (TJ) ................+125°C
Thermal Resistance
(4)
θJA
θJC
TSSOP28................................32 ....... 6 ....
°C/W
SOIC28 ..................................60 ...... 30 ...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operation conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com