Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3399 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3399
Description  12-String, Cascading White LED Driver For Extending LED Channels
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3399 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3399 Datasheet HTML 1Page - Monolithic Power Systems MP3399 Datasheet HTML 2Page - Monolithic Power Systems MP3399 Datasheet HTML 3Page - Monolithic Power Systems MP3399 Datasheet HTML 4Page - Monolithic Power Systems MP3399 Datasheet HTML 5Page - Monolithic Power Systems MP3399 Datasheet HTML 6Page - Monolithic Power Systems MP3399 Datasheet HTML 7Page - Monolithic Power Systems MP3399 Datasheet HTML 8Page - Monolithic Power Systems MP3399 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
MP3399
12-String, Cascading White LED Driver
For Extending LED Channels
MP3399 Rev. 1.0
www.MonolithicPower.com
1
3/27/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP3399 is a step-up controller with 12-
channel current sources designed for driving
the WLED arrays for large size LCD panel
backlighting applications.
The MP3399 is
flexible for extending LED channels with two or
more MP3399s in parallel while operating from
a single Inductor power source.
The MP3399 uses current mode, fixed frequency
architecture.
The
switching
frequency
is
programmable by an external frequency setting
resistor. It drives an external MOSFET to boost
up the output voltage from a 5V to 28V input
supply. The MP3399 regulates the current in
each LED string to the programmed value set by
an external current setting resistor.
The MP3399 applies 12 internal current
sources for current balance. And the current
matching can achieve 2.5% regulation accuracy
between strings. Its low 600mV regulation
voltage on LED current sources reduces power
loss and improves efficiency.
PWM dimming is implemented with external
PWM input signal or DC input signal. The
dimming PWM signal can be generated internally,
and the dimming frequency is programmed by
an external setting capacitor.
FEATURES
• 12 String, 60mA/String WLED Driver
• Cascading Capability with a single Power
Source
• 5V to 28V Input Voltage Range
• Maximum 60mA for Each String
• 2.5% Current Matching Accuracy Between
Strings
• Programmable Switching Frequency
• PWM or DC Input Burst PWM Dimming
• Open and Short LED Protection
• Programmable Over-voltage Protection
• Under Voltage Lockout
• Thermal Shutdown
• 28-pin TSSOP and 28-pin SOIC Package
APPLICATIONS
• Desktop LCD Flat Panel Displays
• Flat Panel Video Displays
• LCD TVs and Monitors
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.


Similar Part No. - MP3399

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3399EF MPS-MP3399EF Datasheet
261Kb / 5P
24 strings White LED Driver Evaluation Board
MP3399EY MPS-MP3399EY Datasheet
260Kb / 5P
24 strings White LED Driver Evaluation Board
More results

Similar Description - MP3399

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP2592 EUTECH-EUP2592 Datasheet
53Kb / 1P
8-String White LED Driver for LCD 8-String White LED Driver for LCD
logo
Analog Devices
ADD5205 AD-ADD5205 Datasheet
441Kb / 16P
Four-String White LED Driver
REV. 0
ADD5207 AD-ADD5207 Datasheet
428Kb / 16P
Four-String, White LED Driver
REV. A
logo
Eutech Microelectronics...
EUP2589 EUTECH-EUP2589 Datasheet
205Kb / 1P
12 String White LED Driver With Boost Controller
logo
Alpha & Omega Semicondu...
AOZ1960 AOSMD-AOZ1960 Datasheet
911Kb / 20P
Multi-String Boost White LED Driver
logo
Monolithic Power System...
MP3384 MPS-MP3384 Datasheet
323Kb / 13P
50V, 4-String White LED Driver
MP3386 MPS-MP3386 Datasheet
315Kb / 14P
50V, 6 String White LED Driver
MP3388 MPS-MP3388 Datasheet
342Kb / 14P
50V, 8-String White LED Driver
logo
Eutech Microelectronics...
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
6 String White LED Driver
logo
Monolithic Power System...
MP3384L MPS-MP3384L Datasheet
312Kb / 12P
50V, 4-String, White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com