Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP201EMF Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP201EMF
Description  LIN Transceiver with Voltage Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP201EMF Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP201EMF Datasheet HTML 11Page - Microchip Technology MCP201EMF Datasheet HTML 12Page - Microchip Technology MCP201EMF Datasheet HTML 13Page - Microchip Technology MCP201EMF Datasheet HTML 14Page - Microchip Technology MCP201EMF Datasheet HTML 15Page - Microchip Technology MCP201EMF Datasheet HTML 16Page - Microchip Technology MCP201EMF Datasheet HTML 17Page - Microchip Technology MCP201EMF Datasheet HTML 18Page - Microchip Technology MCP201EMF Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
© 2007 Microchip Technology Inc.
DS21730F-page 15
MCP201
Bus Interface
VIHLBUS
High-level Input Voltage
(LBUS)
0.6 VBAT
—
18
V
Recessive state
VILLBUS
Low-level Input Voltage
(LBUS)
-8
—
0.4 VBAT
V
Dominant state
VHYS
Input Hysteresis
0.05
VBAT
—
0.1 VBAT
VVIH - VIL
IOL
Low-level Output Current
(LBUS)
40
—
200
mA
Output voltage = 0.1 VBAT,
VBAT = 12V
IO
High-level Output Current
(LBUS)
-20
—
20
µA
VBUS
≥ VBAT, VLBUS < 40V
IP
Pull-up Current on Input
(LBUS)
-180
—
-60
µA
Approx. 30 k
Ω internal pull-up
@ VIH = 0.7 VBAT
ISC
Short-circuit Current-Limit
50
—
200
mA
(Note 1)
VOH
High-level Output Voltage
(LBUS)
0.8 VBAT
——
V
VOL
Low-level Output Voltage
(LBUS)
——
0.2 VBAT
V
Voltage Regulator
VREG
Output Voltage
4.75
—
5.25
V
0 mA > IOUT > 50 mA,
7.0V < VBAT < 18V
VREG1
Output Voltage
4.4
—
5.25
V
0 mA > IOUT > 50 mA,
6.0V < VBAT < 7.0V
ΔVREG1 Line Regulation
—
10
50
mV
IOUT = 1 mA, 7.0V < VBAT < 18V
ΔVREG2 Load Regulation
—
10
50
mV
5 mA < IOUT < 50 mA,
VBAT = Constant
VN
Output Noise Voltage
—
—
400
µVRMS 1VRMS @ 10 Hz - 100 kHz
VSD
Shutdown Voltage
(monitoring VREG)
3.5
—
4.0
V
See Figure 1-4
VON
Input Voltage to Turn On
Output (monitoring VBAT)
5.5
—
6.0
V
2.2
DC Specifications (Continued)
DC Specifications
Electrical Characteristics:
Unless otherwise indicated, all limits are specified for:
VBAT = 6.0V to 18.0V
TAMB = -40°C to +125°C
CLOADREG = 10 µF
Sym.
Parameter
Min.
Typ.
Max.
Units
Conditions
Note 1:
Internal current limited. 2.0 ms typical recovery time (RLBUS = 0
Ω, TX = 0.4 VREG, VLBUS = VBAT, TAMB =
25C. Recovery time highly dependent on ambient temperature, package and thermal resistance).
2:
For design guidance only, not tested.
3:
This current is at the VBAT pin.
4:
The maximum power dissipation is a function of TJMAX,
ΘJA and ambient temperature TA. The maximum
allowable power dissipation at an ambient temperature is PD = (TJMAX - TA)
ΘJA. If this dissipation is
exceeded, the die temperature will rise above 150
°C and the MCP201 will go into thermal shutdown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com