Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP201EMF Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP201EMF
Description  LIN Transceiver with Voltage Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP201EMF Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP201EMF Datasheet HTML 12Page - Microchip Technology MCP201EMF Datasheet HTML 13Page - Microchip Technology MCP201EMF Datasheet HTML 14Page - Microchip Technology MCP201EMF Datasheet HTML 15Page - Microchip Technology MCP201EMF Datasheet HTML 16Page - Microchip Technology MCP201EMF Datasheet HTML 17Page - Microchip Technology MCP201EMF Datasheet HTML 18Page - Microchip Technology MCP201EMF Datasheet HTML 19Page - Microchip Technology MCP201EMF Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
MCP201
DS21730F-page 16
© 2007 Microchip Technology Inc.
2.3
AC Specifications
TABLE 2-1:
MCP201 THERMAL SPECIFICATIONS
AC Specifications
Electrical Characteristics:
Unless otherwise indicated, all limits are specified for:
VBAT = 6.0V to 18.0V
TAMB = -40°C to +125°C
Symbol
Parameter
Min
Typical
Max
Units
Conditions
Bus Interface
|dV/dt|
Slope Rising and Falling Edges
1.0
2.0
3.0
V/µs
(40% to 60%), No Load
|dV/dt|
Slope Rising and Falling edges
ALTERNATE
2.0
4.0
6.0
V/µs(Note 1), No Load
tTRANSPD
Propagation Delay of Transmitter
—
—
6.0
µ
stRECPD = max
tRECPD
Propagation Delay of Receiver
—
—
6.0
µ
s(tRECPDR or tRECPDF)
tRECSYM
Symmetry of Propagation Delay of
Receiver Rising Edge with Respect
to Falling Edge
-2.0
—
2.0
µ
stRECSYM = max
tTRANSSYM
Symmetry of Propagation Delay of
Transmitter Rising Edge with
Respect to Falling Edge
-2.0
—
2.0
µ
stTRANSSYM = max
(tTRANSPDF - tRANSPDR)
Voltage Regulator
tBACTVE
Bus Activity to Voltage Regulator
Enabled
10
—
40
µ
s
Bus debounce time
tVEVR
Voltage Regulator Enabled to
Ready
—50
200
µ
s
(Note 2)
t
VREGPOR
Voltage Regulator Enabled to
Ready after POR
——
2.5
ms
(Note 2) CLOAD = 25 nF
tCSOR
Chip Select to Operation Ready
0
50
200
µ
s
(Note 2)
tCSPD
Chip Select to Power-down
0
—
40
µ
s
(Note 2) No CLOAD
tSHUTDOWN Short-Circuit to Shutdown
—
450
—
µ
s
Characterized but not
tested
tSCREC
Short-Circuit Recovery Time
—
2.0
—
ms
Characterized but not
tested (Note 3)
Note 1:
The mode does not conform to LIN Bus specification version 1.3.
2:
Time depends on external capacitance and load.
3:
Internal current limited. 2.0 ms typical recovery time (RLBUS = 0
Ω, TX = 0.4 VREG, VLBUS = VBAT, TAMB =
25C. Recovery time highly dependent on ambient temperature, package, and thermal resistance).
Sym
Parameter
Min
Typical
Max
Units
Test Conditions
θRECOVERY Recovery Temperature
(junction temperature)
—+135
—
°C
Characterized but not
tested
θSHUTDOWN Shutdown Temperature
(junction temperature)
—+155
—
°C
Characterized but not
tested
tTHERM
Thermal Recovery Time
(after Fault condition removed)
—
2.0
—
ms
Characterized but not
tested (Note 1)
Note 1:
Internal current limited. 2.0 ms typical recovery time (RLBUS = 0
Ω, TX = 0.4 VREG, VLBUS = VBAT, TAMB =
25C. Recovery time highly dependent on ambient temperature, package, and thermal resistance).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com