Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6291 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP6291
Description  1.0 mA, 10 MHz Rail-to-Rail Op Amp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6291 Datasheet(HTML) 3 Page - Microchip Technology

  MCP6291 Datasheet HTML 1Page - Microchip Technology MCP6291 Datasheet HTML 2Page - Microchip Technology MCP6291 Datasheet HTML 3Page - Microchip Technology MCP6291 Datasheet HTML 4Page - Microchip Technology MCP6291 Datasheet HTML 5Page - Microchip Technology MCP6291 Datasheet HTML 6Page - Microchip Technology MCP6291 Datasheet HTML 7Page - Microchip Technology MCP6291 Datasheet HTML 8Page - Microchip Technology MCP6291 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
© 2007 Microchip Technology Inc.
DS21812E-page 3
MCP6291/1R/2/3/4/5
AC ELECTRICAL SPECIFICATIONS
MCP6293/MCP6295 CHIP SELECT (CS) SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, T
A = +25°C, VDD = +2.4V to +5.5V, VSS = GND, VCM = VDD/2,
VOUT ≈ VDD/2, VL = VDD/2, RL = 10 kΩ to VL, CL = 60 pF, and CS is tied low (refer to Figure 1-2 and Figure 1-3).
Parameters
Sym
Min
Typ
Max
Units
Conditions
AC Response
Gain Bandwidth Product
GBWP
10.0
MHz
Phase Margin at Unity-Gain
PM
65
°
G = +1 V/V
Slew Rate
SR
7
V/µs
Noise
Input Noise Voltage
Eni
—4.2
µVP-P
f = 0.1 Hz to 10 Hz
Input Noise Voltage Density
eni
—8.7
nV/
√Hz
f = 10 kHz
Input Noise Current Density
ini
—3
fA/
√Hz
f = 1 kHz
Electrical Characteristics: Unless otherwise indicated, T
A = +25°C, VDD = +2.4V to +5.5V, VSS = GND, VCM =VDD/2,
VOUT ≈ VDD/2, VL = VDD/2, RL = 10 kΩ to VL, CL = 60 pF, and CS is tied low (refer to Figure 1-2 and Figure 1-3).
Parameters
Sym
Min
Typ
Max
Units
Conditions
CS Low Specifications
CS Logic Threshold, Low
VIL
VSS
—0.2 VDD
V
CS Input Current, Low
ICSL
—0.01
µA
CS = VSS
CS High Specifications
CS Logic Threshold, High
VIH
0.8 VDD
—VDD
V
CS Input Current, High
ICSH
—0.7
2
µA
CS = VDD
GND Current per Amplifier
ISS
—-0.7
µA
CS = VDD
Amplifier Output Leakage
0.01
µA
CS = VDD
Dynamic Specifications (Note 1)
CS Low to Valid Amplifier Output,
Turn-on Time
tON
—4
10
µs
CS Low
≤ 0.2 V
DD, G = +1 V/V,
VIN = VDD/2, VOUT = 0.9 VDD/2,
VDD = 5.0V
CS High to Amplifier Output High-Z
tOFF
—0.01
µs
CS High
≥ 0.8 V
DD, G = +1 V/V,
VIN = VDD/2, VOUT = 0.1 VDD/2
Hysteresis
VHYST
—0.6
V
VDD = 5V
Note 1:
The input condition (VIN) specified applies to both op amp A and B of the MCP6295. The dynamic specification is tested
at the output of op amp B (VOUTB).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com