Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6291 Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP6291
Description  1.0 mA, 10 MHz Rail-to-Rail Op Amp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6291 Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP6291 Datasheet HTML 16Page - Microchip Technology MCP6291 Datasheet HTML 17Page - Microchip Technology MCP6291 Datasheet HTML 18Page - Microchip Technology MCP6291 Datasheet HTML 19Page - Microchip Technology MCP6291 Datasheet HTML 20Page - Microchip Technology MCP6291 Datasheet HTML 21Page - Microchip Technology MCP6291 Datasheet HTML 22Page - Microchip Technology MCP6291 Datasheet HTML 23Page - Microchip Technology MCP6291 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
MCP6291/1R/2/3/4/5
DS21812E-page 20
© 2007 Microchip Technology Inc.
Package Marking Information (Continued)
14-Lead PDIP (300 mil)
(MCP6294)
Example:
14-Lead TSSOP
(MCP6294)
Example:
14-Lead SOIC (150 mil)
(MCP6294)
Example:
XXXXXXXXXXXXXX
XXXXXXXXXXXXXX
YYWWNNN
XXXXXXXXXX
YYWWNNN
XXXXXX
YYWW
NNN
MCP6294-E/P
0436256
6294EST
0436
256
XXXXXXXXXX
MCP6294ESL
0436256
MCP6294
0743256
MCP6294
0436256
OR
OR
E/P^^
3
e
E/SL^^
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com