Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6291R Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP6291R
Description  1.0 mA, 10 MHz Rail-to-Rail Op Amp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6291R Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP6291R Datasheet HTML 4Page - Microchip Technology MCP6291R Datasheet HTML 5Page - Microchip Technology MCP6291R Datasheet HTML 6Page - Microchip Technology MCP6291R Datasheet HTML 7Page - Microchip Technology MCP6291R Datasheet HTML 8Page - Microchip Technology MCP6291R Datasheet HTML 9Page - Microchip Technology MCP6291R Datasheet HTML 10Page - Microchip Technology MCP6291R Datasheet HTML 11Page - Microchip Technology MCP6291R Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
MCP6291/1R/2/3/4/5
DS21812E-page 8
© 2007 Microchip Technology Inc.
TYPICAL PERFORMANCE CURVES (CONTINUED)
Note: Unless otherwise indicated, T
A = +25°C, VDD = +2.4V to +5.5V, VSS =GND, VCM =VDD/2, VOUT ≈ VDD/2,
VL = VDD/2, RL =10kΩ to VL, CL = 60 pF, and CS is tied low.
FIGURE 2-19:
Input Noise Voltage Density
vs. Frequency.
FIGURE 2-20:
Output Short Circuit Current
vs. Power Supply Voltage.
FIGURE 2-21:
Quiescent Current vs.
Chip Select (CS) Voltage at VDD = 2.4V
(MCP6293 and MCP6295 only).
FIGURE 2-22:
Input Noise Voltage Density
vs. Common Mode Input Voltage at 10 kHz.
FIGURE 2-23:
Channel-to-Channel
Separation vs. Frequency (MCP6292, MCP6294
and MCP6295 only).
FIGURE 2-24:
Quiescent Current vs.
Chip Select (CS) Voltage at VDD = 5.5V
(MCP6293 and MCP6295 only).
1
10
100
1,000
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
Frequency (Hz)
0.1
100
10
1k
100k
10k
1M
1
0
5
10
15
20
25
30
35
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Power Supply Voltage (V)
TA = +125°C
TA = +85°C
TA = +25°C
TA = -40°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4
Chip Select Voltage (V)
Hysteresis
Op-Amp shuts off here
Op-Amp turns on here
VDD = 2.4V
CS swept
high to low
CS swept
low to high
0
1
2
3
4
5
6
7
8
9
10
11
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Common Mode Input Voltage (V)
f = 10 kHz
VDD = 5.0V
100
110
120
130
140
110
100
Frequency (kHz)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.00.5
1.01.5
2.02.5
3.03.5
4.0
4.5
5.05.5
Chip Select Voltage (V)
Hysteresis
VDD = 5.5V
CS swept
low to high
CS swept
high to low
Op Amp shuts off
Op Amp turns on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com