Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6291R Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP6291R
Description  1.0 mA, 10 MHz Rail-to-Rail Op Amp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6291R Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP6291R Datasheet HTML 7Page - Microchip Technology MCP6291R Datasheet HTML 8Page - Microchip Technology MCP6291R Datasheet HTML 9Page - Microchip Technology MCP6291R Datasheet HTML 10Page - Microchip Technology MCP6291R Datasheet HTML 11Page - Microchip Technology MCP6291R Datasheet HTML 12Page - Microchip Technology MCP6291R Datasheet HTML 13Page - Microchip Technology MCP6291R Datasheet HTML 14Page - Microchip Technology MCP6291R Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
© 2007 Microchip Technology Inc.
DS21812E-page 11
MCP6291/1R/2/3/4/5
3.0
PIN DESCRIPTIONS
Descriptions of the pins are listed in Table 3-1 (single op amps) and Table 3-2 (dual and quad op amps).
TABLE 3-1:
PIN FUNCTION TABLE FOR SINGLE OP AMPS
TABLE 3-2:
PIN FUNCTION TABLE FOR DUAL AND QUAD OP AMPS
3.1
Analog Outputs
The output pins are low-impedance voltage sources.
3.2
Analog Inputs
The non-inverting and inverting inputs are high-
impedance CMOS inputs with low bias currents.
3.3
MCP6295’s VOUTA/VINB+ Pin
For the MCP6295 only, the output of op amp A is
connected directly to the non-inverting input of
op amp B; this is the VOUTA/VINB+ pin. This connection
makes it possible to provide a Chip Select pin for duals
in 8-pin packages.
3.4
Chip Select Digital Input
This is a CMOS, Schmitt-triggered input that places the
part into a low power mode of operation.
3.5
Power Supply Pins
The positive power supply (VDD) is 2.4V to 6.0V higher
than the negative power supply (VSS). For normal
operation, the other pins are between VSS and VDD.
Typically, these parts are used in a single (positive)
supply configuration. In this case, VSS is connected to
ground and VDD is connected to the supply. VDD will
need bypass capacitors
MCP6291
MCP6291R
MCP6293
Symbol
Description
PDIP, SOIC,
MSOP
SOT-23-5
PDIP, SOIC,
MSOP
SOT-23-6
61
1
6
1
VOUT
Analog Output
24
4
2
4
VIN–
Inverting Input
33
3
3
3
VIN+
Non-inverting Input
75
2
7
6
VDD
Positive Power Supply
42
5
4
2
VSS
Negative Power Supply
——
—
8
5
CS
Chip Select
1,5,8
—
—
1,5
—
NC
No Internal Connection
MCP6292
MCP6294
MCP6295
Symbol
Description
11
—
VOUTA
Analog Output (op amp A)
22
2
VINA–
Inverting Input (op amp A)
33
3
VINA+
Non-inverting Input (op amp A)
84
8
VDD
Positive Power Supply
55
—
VINB+
Non-inverting Input (op amp B)
66
6
VINB–
Inverting Input (op amp B)
77
7
VOUTB
Analog Output (op amp B)
—8
—
VOUTC
Analog Output (op amp C)
—9
—
VINC–
Inverting Input (op amp C)
—10—
VINC+
Non-inverting Input (op amp C)
4114
VSS
Negative Power Supply
—12—
VIND+
Non-inverting Input (op amp D)
—13—
VIND–
Inverting Input (op amp D)
—14—
VOUTD
Analog Output (op amp D)
——
1
VOUTA/VINB+
Analog Output (op amp A)/Non-inverting Input (op amp B)
——
5
CS
Chip Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com