Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP23016 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP23016
Description  16-Bit I2C I/O Expander
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23016 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP23016 Datasheet HTML 3Page - Microchip Technology MCP23016 Datasheet HTML 4Page - Microchip Technology MCP23016 Datasheet HTML 5Page - Microchip Technology MCP23016 Datasheet HTML 6Page - Microchip Technology MCP23016 Datasheet HTML 7Page - Microchip Technology MCP23016 Datasheet HTML 8Page - Microchip Technology MCP23016 Datasheet HTML 9Page - Microchip Technology MCP23016 Datasheet HTML 10Page - Microchip Technology MCP23016 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
© 2007 Microchip Technology Inc.
DS20090C-page 7
MCP23016
1.7.2
OUTPUT LATCH REGISTERS
Two registers provide access to the two port output
latches:
• OLAT0 (provides access to the output latch for
port GP0)
• OLAT1 (provides access to the output latch for
port GP1)
A read from these registers results in a read of the latch
that controls the output and not the actual port. A write
to these registers updates the output latch that controls
the output.
REGISTER 1-3:
OLAT0 - OUTPUT LATCH REGISTER 0
REGISTER 1-4:
OLAT1 - OUTPUT LATCH REGISTER 1
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
OL0.7
OL0.6
OL0.5
OL0.4
OL0.3
OL0.2
OL0.1
OL0.0
bit 7
bit 0
bit 7-0
OL0.0:O0.7: Reflects the logic level on the output latch.
1
= Logic ‘1’
0
= Logic ‘0’
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
OL1.7
OL1.6
OL1.5
OL1.4
OL1.3
OL1.2
OL1.1
OL1.0
bit 7
bit 0
bit 7-0
OL1.0:O1.7: Reflects the logic level on the output latch.
1
= Logic ‘1’
0
= Logic ‘0’
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com