Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP23016 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP23016
Description  16-Bit I2C I/O Expander
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23016 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP23016 Datasheet HTML 4Page - Microchip Technology MCP23016 Datasheet HTML 5Page - Microchip Technology MCP23016 Datasheet HTML 6Page - Microchip Technology MCP23016 Datasheet HTML 7Page - Microchip Technology MCP23016 Datasheet HTML 8Page - Microchip Technology MCP23016 Datasheet HTML 9Page - Microchip Technology MCP23016 Datasheet HTML 10Page - Microchip Technology MCP23016 Datasheet HTML 11Page - Microchip Technology MCP23016 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
MCP23016
DS20090C-page 8
© 2007 Microchip Technology Inc.
1.7.3
INPUT POLARITY REGISTERS
These registers allow the user to configure the polarity
of the input port data (GP0 and GP1). If a bit in this reg-
ister is set, the corresponding input port (GPn) data bit
polarity will be inverted.
• IPOL0 (controls the polarity of GP0)
• IPOL1 (controls the polarity of GP1)
REGISTER 1-5:
IPOL0 - INPUT POLARITY PORT REGISTER 0
REGISTER 1-6:
IPOL1 - INPUT POLARITY PORT REGISTER 1
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
IGP0.7
IGP0.6
IGP0.5
IGP0.4
IGP0.3
IGP0.2
IGP0.1
IGP0.0
bit 7
bit 0
bit 7-0
IGP0.0:IGP0.7: Controls the polarity inversion for the input pins
1
= Corresponding GP0 bit is inverted
0
= Corresponding GP0 bit is not inverted
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
IGP1.7
IGP1.6
IGP1.6
IGP1.4
IGP1.3
IGP1.2
IGP1.1
IGP1.0
bit 7
bit 0
bit 7-0
IGP1.0:IGP1.7: Controls the polarity inversion for the input pins
1
= Corresponding GP1 bit is inverted
0
= Corresponding GP1 bit is not inverted
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com