Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6291RT Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP6291RT
Description  1.0 mA, 10 MHz Rail-to-Rail Op Amp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6291RT Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP6291RT Datasheet HTML 12Page - Microchip Technology MCP6291RT Datasheet HTML 13Page - Microchip Technology MCP6291RT Datasheet HTML 14Page - Microchip Technology MCP6291RT Datasheet HTML 15Page - Microchip Technology MCP6291RT Datasheet HTML 16Page - Microchip Technology MCP6291RT Datasheet HTML 17Page - Microchip Technology MCP6291RT Datasheet HTML 18Page - Microchip Technology MCP6291RT Datasheet HTML 19Page - Microchip Technology MCP6291RT Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
MCP6291/1R/2/3/4/5
DS21812E-page 16
© 2007 Microchip Technology Inc.
4.9.3.2
Cascaded Gain
Figure 4-11 shows a cascaded gain circuit configura-
tion with Chip Select. Op amps A and B are configured
in a non-inverting amplifier configuration. In this config-
uration, it is important to note that the input offset volt-
age of op amp A is amplified by the gain of op amp A
and B, as shown below:
Therefore, it is recommended to set most of the gain
with op amp A and use op amp B with relatively small
gain (e.g., a unity-gain buffer).
FIGURE 4-11:
Cascaded Gain Circuit
Configuration.
4.9.3.3
Difference Amplifier
Figure 4-12 shows op amp A as a difference amplifier
with
Chip
Select.
In
this
configuration,
it
is
recommended to use well-matched resistors (e.g.,
0.1%) to increase the Common Mode Rejection Ratio
(CMRR). Op amp B can be used for additional gain or
as a unity-gain buffer to isolate the load from the
difference amplifier.
FIGURE 4-12:
Difference Amplifier Circuit.
4.9.3.4
Buffered Non-inverting Integrator
Figure 4-13 shows a lossy non-inverting integrator that
is buffered and has a Chip Select input. Op amp A is
configured as a non-inverting integrator. In this config-
uration, matching the impedance at each input is
recommended. R F is used to provide a feedback loop
at frequencies << 1/(2
πR
1C1) and makes this a lossy
integrator (it has a finite gain at DC). Op amp B is used
to isolate the load from the integrator.
FIGURE 4-13:
Buffered Non-inverting
Integrator with Chip Select.
4.9.3.5
Inverting Integrator with Active
Compensation and Chip Select
Figure 4-14 uses an active compensator (op amp B) to
compensate for the non-ideal op amp characteristics
introduced at higher frequencies. This circuit uses
op amp B as a unity-gain buffer to isolate the
integration capacitor C1 from op amp A and drives the
capacitor with low-impedance source. Since both op
amps are matched very well, they provide a high quality
integrator.
FIGURE 4-14:
Integrator Circuit with Active
Compensation.
V
OUT
V
INGAGB
V
OSAGAGB
V
OSBGB
+
+
=
Where:
GA = op amp A gain
GB = op amp B gain
VOSA = op amp A input offset voltage
VOSB = op amp B input offset voltage
A
B
CS
R4
R3
R2
R1
VIN
VOUT
MCP6295
A
B
CS
R2
R1
VIN2
VIN1
R2
R1
VOUT
R4
R3
MCP6295
A
B
CS
RF
C1
R2
C2
R1
VIN
VOUT
MCP6295
R
1C1
R
2
R
F
||
()C
2
=
A
CS
B
VIN
VOUT
R1
C1
MCP6295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com