Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6291RT Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP6291RT
Description  1.0 mA, 10 MHz Rail-to-Rail Op Amp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6291RT Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP6291RT Datasheet HTML 13Page - Microchip Technology MCP6291RT Datasheet HTML 14Page - Microchip Technology MCP6291RT Datasheet HTML 15Page - Microchip Technology MCP6291RT Datasheet HTML 16Page - Microchip Technology MCP6291RT Datasheet HTML 17Page - Microchip Technology MCP6291RT Datasheet HTML 18Page - Microchip Technology MCP6291RT Datasheet HTML 19Page - Microchip Technology MCP6291RT Datasheet HTML 20Page - Microchip Technology MCP6291RT Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
© 2007 Microchip Technology Inc.
DS21812E-page 17
MCP6291/1R/2/3/4/5
4.9.3.6
Second-Order MFB Low-Pass Filter
with an Extra Pole-Zero Pair
Figure 4-15 is a second-order multiple feedback low-
pass filter with Chip Select. Use the FilterLab® software
from Microchip to determine the R and C values for the
op amp A’s second-order filter. Op amp B can be used
to add a pole-zero pair using C3, R6 and R7.
FIGURE 4-15:
Second-Order Multiple
Feedback Low-Pass Filter with an Extra Pole-
Zero Pair.
4.9.3.7
Second-Order Sallen-Key Low-Pass
Filter with an Extra Pole-Zero Pair
Figure 4-16 is a second-order, Sallen-Key low-pass
filter with Chip Select. Use the FilterLab® software from
Microchip to determine the R and C values for the op
amp A’s second-order filter. Op amp B can be used to
add a pole-zero pair using C3, R5 and R6.
FIGURE 4-16:
Second-Order Sallen-Key
Low-Pass Filter with an Extra Pole-Zero Pair and
Chip Select.
4.9.3.8
Capacitorless Second-Order
Low-Pass filter with Chip Select
The low-pass filter shown in Figure 4-17 does not
require external capacitors and uses only three
external resistors; the op amp’s GBWP sets the corner
frequency. R1 and R2 are used to set the circuit gain
and R3 is used to set the Q. To avoid gain peaking in
the frequency response, Q needs to be low (lower
values need to be selected for R3). Note that the
amplifier bandwidth varies greatly over temperature
and process. However, this configuration provides a
low cost solution for applications with high bandwidth
requirements.
FIGURE 4-17:
Capacitorless Second-Order
Low-Pass Filter with Chip Select.
A
B
CS
R1
C1
R5
VIN
VOUT
C2
R4
R3
R2
R6
C3
MCP6295
R7
A
B
CS
R2
C1
R1
VIN
VOUT
R4
R3
C2
C3
R5
MCP6295
R6
A
B
CS
VREF
VIN
VOUT
R2
R1
R3
MCP6295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com