Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4350 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP4350
Description  2.5A, 4MHz, 20V Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4350 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP4350 Datasheet HTML 6Page - Monolithic Power Systems MP4350 Datasheet HTML 7Page - Monolithic Power Systems MP4350 Datasheet HTML 8Page - Monolithic Power Systems MP4350 Datasheet HTML 9Page - Monolithic Power Systems MP4350 Datasheet HTML 10Page - Monolithic Power Systems MP4350 Datasheet HTML 11Page - Monolithic Power Systems MP4350 Datasheet HTML 12Page - Monolithic Power Systems MP4350 Datasheet HTML 13Page - Monolithic Power Systems MP4350 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
MP4350 – 2.5A, 4MHz, 20V STEP-DOWN CONVERTER
MP4350 Rev. 1.0
www.MonolithicPower.com
13
5/26/2008
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2008 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
C3
100pF
C6
NS
C4
100nF
D1
VOUT
1.8V
VIN
6V - 36V
VIN
EN
FREQ
GND
BST
SW
FB
COMP
MP4460
EN
6
10
1,2
5
4
8,9
3
7
Figure 4—1.8V Output Typical Application Schematic
C3
150pF
C6
NS
C4
100nF
D1
VOUT
5V
VIN
10V - 20V
VIN
EN
FREQ
GND
BST
6
10
1,2
5
4
8,9
3
7
SW
FB
COMP
MP4350
EN
Figure 5—5V Output Typical Application Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com