Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4470 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP4470
Description  High-Efficiency, Fast-Transient, 5A, 36V Synchronous, Step-Down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4470 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP4470 Datasheet HTML 1Page - Monolithic Power Systems MP4470 Datasheet HTML 2Page - Monolithic Power Systems MP4470 Datasheet HTML 3Page - Monolithic Power Systems MP4470 Datasheet HTML 4Page - Monolithic Power Systems MP4470 Datasheet HTML 5Page - Monolithic Power Systems MP4470 Datasheet HTML 6Page - Monolithic Power Systems MP4470 Datasheet HTML 7Page - Monolithic Power Systems MP4470 Datasheet HTML 8Page - Monolithic Power Systems MP4470 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MP4470/4470A
High-Efficiency, Fast-Transient, 5A, 36V
Synchronous, Step-Down Converter
MP4470/4470A Rev. 1.1
www.MonolithicPower.com
1
8/26/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP4470/4470A is a fully-integrated, high-
frequency, synchronous, rectified, step-down,
switch-mode converter. It offers a very compact
solution to achieve a 5A, continuous-output
current over a wide input-supply range with
excellent load and line regulation. It also
provides fast transient response and good
stability for wide input-supply and load range.
The MP4470/4470A operates at high efficiency
over a wide output current load range.
MP4470 has full protection features include
SCP, OCP, OVP latch, UVP, and thermal
shutdown. MP4470A has the same protection
features to MP4470 except has no OVP latch
function.
The MP4470/4470A requires a minimal number
of
readily-available,
standard,
external
components, and is available in a space-saving
3mm×4mm, 20-pin, QFN package.
FEATURES
• Wide 4.5V-to-36V Operating Input Range
• Guaranteed 5A, Continuous Output Current
• Internal 40mΩ High-Side, 20mΩ Low-Side
Power MOSFETs
• Proprietary Switching-Loss-Reduction
Technology
• 1% Reference Voltage
• Programmable Soft-Start Time
• Low Drop-out Mode
• 200kHz-to-1MHz Switching Frequency
• SCP, OCP, OVP Latch(MP4470 only), UVP,
and Thermal Shutdown
• Output Adjustable from 0.8V to 0.9×VIN
• Available in a 3×4mm 20-pin QFN Package
APPLICATIONS
•
Notebook Systems and I/O Power
•
Automotive Systems
•
Networking Systems
•
Industrial Supplies
•
Optical Communications Systems
•
Distributed Power and POL Systems
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
OUTPUT CURRENT (A)


Similar Part No. - MP4470

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4473 MPS-MP4473 Datasheet
752Kb / 21P
High-Efficiency, Fast-Transient, 3.5A, 36V Synchronous, Step-Down Converter
MP4473GL MPS-MP4473GL Datasheet
752Kb / 21P
High-Efficiency, Fast-Transient, 3.5A, 36V Synchronous, Step-Down Converter
More results

Similar Description - MP4470

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ4470 MPS-MPQ4470 Datasheet
805Kb / 20P
High-Efficiency, Fast-Transient, 5A, 36V Synchronous, Step-Down Converter AEC-Q100 Qualified
MP4420A MPS-MP4420A Datasheet
1Mb / 20P
2A, 36V, High-Efficiency, Synchronous, Step-Down Converter
MP4423 MPS-MP4423 Datasheet
616Kb / 18P
High Efficiency 3A, 36V, Synchronous Step Down Converter
MP4423A MPS-MP4423A Datasheet
818Kb / 20P
3A, 36V, High-Efficiency, Synchronous, Step-Down Converter
MP4473 MPS-MP4473 Datasheet
752Kb / 21P
High-Efficiency, Fast-Transient, 3.5A, 36V Synchronous, Step-Down Converter
MP9447 MPS-MP9447 Datasheet
726Kb / 19P
High-Efficiency, Fast-Transient, 5A, 36V Synchronous, Step-Down Converter
MP9473 MPS-MP9473 Datasheet
2Mb / 21P
High-Efficiency, Fast-Transient, 3.5A, 36V Synchronous, Step-Down Converter
EV4470-L-01A MPS-EV4470-L-01A Datasheet
522Kb / 7P
High-Efficiency, Fast-Transient, 5A, 36V Step-Down Converter Evaluation Board
EV9447-L-00A MPS-EV9447-L-00A Datasheet
743Kb / 7P
High-Efficiency, Fast-Transient, 5A, 36V Step-Down Converter Evaluation Board
EVQ4470-L-00A MPS-EVQ4470-L-00A Datasheet
901Kb / 7P
High-Efficiency, Fast-Transient, 5A, 36V Step-Down Converter Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com