Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4470 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP4470
Description  High-Efficiency, Fast-Transient, 5A, 36V Synchronous, Step-Down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4470 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP4470 Datasheet HTML 7Page - Monolithic Power Systems MP4470 Datasheet HTML 8Page - Monolithic Power Systems MP4470 Datasheet HTML 9Page - Monolithic Power Systems MP4470 Datasheet HTML 10Page - Monolithic Power Systems MP4470 Datasheet HTML 11Page - Monolithic Power Systems MP4470 Datasheet HTML 12Page - Monolithic Power Systems MP4470 Datasheet HTML 13Page - Monolithic Power Systems MP4470 Datasheet HTML 14Page - Monolithic Power Systems MP4470 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
MP4470/4470A–HIGH-EFFICIENCY, FAST-TRANSIENT, SYNCHRONOUS, STEP-DOWN CONVERTER
MP4470/4470A Rev. 1.1
www.MonolithicPower.com
11
8/26/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Figure 7 shows an equivalent circuit in PWM
mode with the HS-FET OFF and without an
external ramp circuit. The ESR ripple dominates
the output ripple. The VFB downward slope is:
REF
SLOPE1
ESR V
V
L
−×
=
(7)
From equation 7, the VFB downward slope is
proportional to ESR/L. Therefore, it’s necessary
to know the minimum ESR value of the output
capacitors without an external ramp. There is
also an inductance limit: A smaller inductance
leads to more stability. Based on bench
experiments, keep VSLOPE1 around 15V/ms to
30V/ms.
In skip mode, the external ramp does not affect
the downward slope, and VFB ripple’s downward
slope is the same with or without the external
ramp. Figure 8 shows an equivalent circuit with
the HS-FET off and the current modulator
regulating the LS-FET.
IMOD
Figure 8: Simplified Circuit in Skip Mode
The VFB ripple’s downward slope is:
()
−
=
+×
REF
SLOPE2
12
OUT
V
V
RR
C
(8)
To keep the system stable during light loads,
avoid large VFB resistors. Also, keep the VSLOPE2
value around 0.4V/ms to 0.8mV/ms. Note that
IMOD is excluded from the equation because it
does not impact the system’s light-load stability.
Soft-Start
The MP4470/4470A employs soft start (SS) to
ensure a smooth output during power-up. When
the EN pin goes HIGH, an internal current source
(8.5μA) charges up the SS capacitor (CSS). The
CSS voltage takes over the REF voltage to the
PWM comparator. The output voltage smoothly
ramps up with VSS. Once VSS reaches the same
level as VREF, it continues ramping up while VREF
takes over the PWM comparator. At this point,
soft-start finishes and the MP4470/4470A enters
steady-state.
CSS is then:
()
( )
( )
()
SS
SS
SS
REF
tms
I
A
CnF
VV
×μ
=
(9)
If the output capacitors have large capacitance
values, avoid setting a short SS or risk hitting the
current limit during SS. Select a minimum value
of 4.7nF if the output capacitance value exceeds
330μF.
Power Good (PGOOD)
The MP4470/4470A has power-good (PGOOD)
output. The PGOOD pin is the open drain of a
MOSFET. It should connect to VCC or some other
voltage source through a resistor (e.g. 100kΩ). In
the presence of an input voltage, the MOSFET
turns ON so that the PGOOD pin is pulled to
GND before SS is ready. After VFB reaches
90%×VREF, the PGOOD pin is pulled HIGH after a
delay; typically 700μs.
When the FB voltage drops to 85%×VREF, the
PGOOD pin is pulled LOW.
Over-Current Protection (OCP) and Short-
Circuit Protection (SCP)
The MP4470/4470A has cycle-by-cycle over-
current limit control. The inductor current is
monitored during the ON state. Once the inductor
current exceeds the current limit, the HS-FET
turns OFF. At the same time, the OCP timer
starts. The OCP timer is set at 100μs. Hitting the
current limit during each cycle during this 100μs
time frame will trigger hiccup SCP.
If a short circuit occurs, the MP4470/4470A will
immediately hit its current limit and VFB will drop
below 50%×VREF (0.815V). The device considers
this an output dead short and will trigger hiccup
SCP immediately.
Over/Under-Voltage Protection (OVP/UVP)
The MP4470 monitors the output voltage through
the tap of a resistor divider to the FB pin to detect
output over-voltage conditions. A VFB that
exceeds 125%×VREF (0.815V) triggers OVP latch-
off. Once OVP triggers, the LS-FET turns on to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com