Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4600 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP4600
Description  High-Voltage WLED Driver For Large Panel TV Backlighting
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4600 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP4600 Datasheet HTML 1Page - Monolithic Power Systems MP4600 Datasheet HTML 2Page - Monolithic Power Systems MP4600 Datasheet HTML 3Page - Monolithic Power Systems MP4600 Datasheet HTML 4Page - Monolithic Power Systems MP4600 Datasheet HTML 5Page - Monolithic Power Systems MP4600 Datasheet HTML 6Page - Monolithic Power Systems MP4600 Datasheet HTML 7Page - Monolithic Power Systems MP4600 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MP4600 – WHITE LED DRIVER FOR UP TO 55 INCH TV BACKLIGHTING
MP4600 Rev. 0.91
www.MonolithicPower.com
2
1/6/2012
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ORDERING INFORMATION
For Tape & Reel, add suffix –Z (e.g. MP4600DQ–Z);
For RoHS Compliant Packaging, add suffix –LF (e.g. 4600DQ–LF–Z)
PACKAGE REFERENCE
ABSOLUTE MAXIMUM RATINGS
(1)
Supply Voltage VDD – VSS............................. 60V
VSW – VSS ..............................-0.3V to VIN + 0.3V
VBST ...................................................... VSW + 6V
VOVP – VSS .......................................-0.3V to +6V
VEN – VINGND.....................................-0.3V to +6V
VDIM – VINGND....................................-0.3V to +6V
VINGND – VSS.....................................-0.3V to 60V
Continuous Power Dissipation
(TA = +25°C)
(2)
............................................................. 2.5W
Junction Temperature...............................150
°C
Lead Temperature ....................................260
°C
Storage Temperature............... -65
°C to +150°C
Recommended Operating Conditions
(3)
Supply Voltage VDD – VSS.................4.5V to 55V
Ambient Junct. Temp (TJ) ........ -40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
3x3 QFN10 ............................. 50 ...... 12...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device function is not guaranteed outside of the
recommended operating conditions.
4) Measured on JESD5 1-7, 4-layer PCB.
Part Number*
Package
Top Marking
Free Air Temperature (TA)
MP4600DQ
QFN10 (3x 3mm)
9M
-40
°C to +85°C
TOP VIEW
VDD
VSS
OVP
FB
COMP
1
2
3
4
5
SW
BST
INGND
EN/DIM
RSET
10
9
8
7
6
EXPOSED PAD
ON BACKSIDE
(Connect to VSS)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com