Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4600 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP4600
Description  High-Voltage WLED Driver For Large Panel TV Backlighting
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4600 Datasheet(HTML) 6 Page - Monolithic Power Systems

  MP4600 Datasheet HTML 1Page - Monolithic Power Systems MP4600 Datasheet HTML 2Page - Monolithic Power Systems MP4600 Datasheet HTML 3Page - Monolithic Power Systems MP4600 Datasheet HTML 4Page - Monolithic Power Systems MP4600 Datasheet HTML 5Page - Monolithic Power Systems MP4600 Datasheet HTML 6Page - Monolithic Power Systems MP4600 Datasheet HTML 7Page - Monolithic Power Systems MP4600 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MP4600 – WHITE LED DRIVER FOR UP TO 55 INCH TV BACKLIGHTING
MP4600 Rev. 0.91
www.MonolithicPower.com
6
1/6/2012
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the LED Current
An external resistor RSENSE is used to set the
maximum LED current through the use of the
equation:
LED
SENSE
I
0.198V
R
=
Setting the Switching Frequency
An external resistor RSET is used to set the
switching frequency fS according to the
following curve:
Frequency vs. RSET
0
200
400
600
800
1000
1200
1400
0
50
100
150
200
250
Series1
If RSET pin is floating, the setting frequency is
the default value 1.35MHz.
Selecting the Inductor
Inductor selection is related to the input voltage,
output voltage, and LED current. Select the
inductor to make the circuit always operate in
continuous
current
mode
(CCM).
The
inductance is designed as:
I N
O U T
S
I N
O U T
L
V
V
L
f ( V
V
)
I
⋅
=
⋅+
⋅ Δ
,
where
ΔIL is the inductor peak-to-peak current
ripple. Design
ΔIL as about 40% to 60% of the
inductor average current, which is:
O U T
L _
A V G
L E D
I N
V
I
I
( 1
)
V
=⋅ +
.
Make sure the inductor is not saturated at the
maximum peak current, which is:
L _
P K
L _
A V G
L
I
I
0 . 5
I
=+
⋅ Δ .
Selecting the Input Capacitor
The input capacitor reduces the surge current
drawn from the input supply and the switching
noise from the device. Ceramic capacitors with
X5R
or
X7R
dielectrics
are
highly
recommended because of their low ESR and
small
temperature
coefficients.
Enough
capacitance is required for limited input voltage
ripple
ΔVIN, which should be normally less than
5~10% of the DC value.
L _
A V G
O U T
I N
s
I N
I N
O U T
I
V
C
f
V
( V
V
)
⋅
>
⋅Δ
⋅
+
Selecting the Output Capacitor
The output capacitor keeps the output voltage
ripple
ΔVOUT small (normally less than 1~5% of
the DC value) and ensures feedback loop
stable. The output capacitor impedance should
be low at the switching frequency. Ceramic
capacitors with X5R or X7R dielectrics are
recommended for their low ESR characteristics.
L E D
O U T
O U T
s
O U T
I N
O U T
I
V
C
f
V
( V
V
)
⋅
>
⋅Δ
⋅
+
PC Board Layout
The high current paths (VSS, VDD and SW)
should be aced very close to the device with
short, direct and wide traces. The input
capacitor needs to be as close as possible to
the VDD and VSS pins. The external feedback
resistors should be placed next to the FB pin.
Keep the switch node traces short and away
from the feedback network.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com