Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4688 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP4688
Description  80V Input, 1A High Power LED Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4688 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP4688 Datasheet HTML 3Page - Monolithic Power Systems MP4688 Datasheet HTML 4Page - Monolithic Power Systems MP4688 Datasheet HTML 5Page - Monolithic Power Systems MP4688 Datasheet HTML 6Page - Monolithic Power Systems MP4688 Datasheet HTML 7Page - Monolithic Power Systems MP4688 Datasheet HTML 8Page - Monolithic Power Systems MP4688 Datasheet HTML 9Page - Monolithic Power Systems MP4688 Datasheet HTML 10Page - Monolithic Power Systems MP4688 Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MP4688 – 80V INPUT, 1A HIGH POWER LED DRIVER
MP4688 Rev. 1.12
www.MonolithicPower.com
8
3/28/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
APPLICATION INFORMATION
COMPONENT SELECTION
Setting the LED Current
The LED current I
LED is set using a sensing
resistor R
FB, which is in series with the LEDs
and connected to GND. The voltage on the
sensing resistor R
FB is connected to FB pin.
FB
LED
FB
V
I
R
=
For example, for a 700mA LED current, R
FB is
287mΩ.
Inductor Selection and Frequency Setting
The inductor LO is required to supply a constant
current to the LED. The inductor value is related
to the switching frequency fs setting:
(
)
()
OUT
IN
OUT
s
8
IN
IN
LED
VV
V
f
V
8 10
V
L 15% I
−
⋅−
=
⋅⋅
⋅
+ ⋅
⋅
Where, VIN is the input voltage, VOUT is the
output voltage to drive the LEDs. A larger value
inductor
will
result
in
smaller
switching
frequency.
The peak inductor current is about:
8
IN
LP
LED
LED
410
V
II
1.075
LI
−
⎛⎞
⋅⋅
=⋅
+
⎜⎟
⋅
⎝⎠
Choose an inductor that will not saturate under
the maximum inductor peak current.
Output Rectifier Diode
The output rectifier diode supplies the current to
the inductor when the high-side switch is off. To
reduce losses due to the diode forward voltage
and recovery times, use a Schottky diode.
The RMS current through the diode is about:
OUT
DLED
IN
V
II
1
V
=⋅
−
Choose a diode whose maximum reverse
voltage rating is greater than the maximum
input voltage, and whose current rating is
greater than the maximum diode current.
Input Capacitor CIN
The input current to the step-down converter is
discontinuous, therefore a capacitor is required
to supply the AC current to the step-down
converter while maintaining the DC input
voltage. Use low ESR capacitors for the best
performance especially under high switching
frequency applications.
The RMS current through the input capacitor is
about:
OUT
DLED
IN
V
II
V
=⋅
’
With low ESR capacitors, the input voltage
ripple can be estimated by:
OUT
OUT
LED
IN
sIN
IN
IN
VV
I
V1
fC
V
V
⎛⎞
Δ=
×
× −
⎜⎟
×
⎝⎠
Choose the input capacitor with enough RMS
current rating and enough capacitance for small
input voltage ripple.
When electrolytic or tantalum capacitors are
applied, a small, high quality ceramic capacitor,
i.e. 0.1μF, should be placed as close to the IC
as possible.
Output Capacitor COUT
The output capacitor (COUT) is not necessary for
MP4688. The LED current ripple (peak-to-peak
value) is about 15% of the LED DC current.
Output capacitor can be used to further reduce
the LED current ripple. Low ESR capacitors are
preferred to keep the output voltage ripple low
so that the AC ripple current through the LEDs
is small. The output voltage ripple can be
estimated by:
OUT
OUT
OUT
ESR
SO
IN
S
OUT
VV
1
V1
R
fL
V
8 f
C
⎛⎞
⎛⎞
Δ=
× −
×
+
⎜⎟
⎜⎟
×× ×
⎝⎠ ⎝⎠



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com