Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4688 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP4688
Description  80V Input, 1A High Power LED Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4688 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP4688 Datasheet HTML 1Page - Monolithic Power Systems MP4688 Datasheet HTML 2Page - Monolithic Power Systems MP4688 Datasheet HTML 3Page - Monolithic Power Systems MP4688 Datasheet HTML 4Page - Monolithic Power Systems MP4688 Datasheet HTML 5Page - Monolithic Power Systems MP4688 Datasheet HTML 6Page - Monolithic Power Systems MP4688 Datasheet HTML 7Page - Monolithic Power Systems MP4688 Datasheet HTML 8Page - Monolithic Power Systems MP4688 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MP4688
80V Input, 1A High
Power LED Driver
MP4688 Rev. 1.12
www.MonolithicPower.com
1
3/28/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP4688 is a high voltage input step-down
switching regulator to deliver a constant current of
up to 1A to high power LEDs. It integrates a high-
side high voltage power MOSFET with a current
limit of 3.2A (typical value). The wide 4.5V to 80V
input range accommodates a variety of step-down
applications, making it ideal for automotive,
industry
and
general
lighting
applications.
Hysteresis current mode control is applied for
very fast response, which makes the 20kHz
dimming frequency possible. MPS’s proprietary
feedback control scheme minimizes the number
of external components while delivering a LED
current with typical ±5% accuracy.
The switching frequency is up to 2MHz, thus
allowing for small component size. The thermal
shut down, short circuit protection, and optional
output voltage limitation provide reliable, fault
tolerant operations. A 170µA quiescent current
allows its use in battery-powered applications.
The MP4688 is available in SOIC8 and SOIC8
with exposed pad packages.
FEATURES
• Wide 4.5V to 80V Operating Input Range
• No Output Capacitor Required
• ±5% LED Current Accuracy
• Hysteretic Control: No Compensation
• Up to 2MHz Switching Frequency
• Up to 20kHz Dimming Frequency
• Dedicated PWM Dimming Control Input
• Short circuit protection with integrated high
side MOSFET
• Optional Output Voltage Limitation
• Thermal shut down
• 200mV reference voltage for high efficiency
• Up to 95% Efficiency
• 170μA Quiescent Current
• Available in SOIC8 and SOIC8 with
Exposed Pad Packages
APPLICATIONS
• High Power LED Driver
• Automotive, Industry and General Lighting
• Constant Current Source
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP4688

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4688 MPS-MP4688 Datasheet
152Kb / 3P
80V Input 1A High Power LED Driver
MP46885 MPS-MP46885 Datasheet
233Kb / 10P
80V Input, 500mA High Power LED Driver
MP46885 MPS-MP46885 Datasheet
147Kb / 3P
80V INPUT 0.5A HIGH POWER LED DRIVER
MP46885DN MPS-MP46885DN Datasheet
233Kb / 10P
80V Input, 500mA High Power LED Driver
More results

Similar Description - MP4688

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SD42524 SILAN-SD42524 Datasheet
693Kb / 11P
1A High Power LED Driver with 6~36V Input
logo
Unisonic Technologies
L3010 UTC-L3010 Datasheet
154Kb / 5P
1A HIGH POWER LED DRIVER WITH 4.5~40V INPUT
logo
Monolithic Power System...
MP4689 MPS-MP4689 Datasheet
422Kb / 10P
100V Input, 1A High Power LED Driver
logo
Unisonic Technologies
L3012 UTC-L3012 Datasheet
173Kb / 5P
1A HIGH POWER LED DRIVER WITH 4.5~40V INPUT
logo
List of Unclassifed Man...
XL8002 ETC2-XL8002 Datasheet
214Kb / 13P
80V 1A High Efficiency Buck PFM LED Constant Current Driver
logo
Monolithic Power System...
MP4689A MPS-MP4689A Datasheet
697Kb / 10P
100V Input, 1A, High-Power LED Driver
MP46885 MPS-MP46885 Datasheet
233Kb / 10P
80V Input, 500mA High Power LED Driver
EV4688DN-00A MPS-EV4688DN-00A Datasheet
152Kb / 3P
80V Input 1A High Power LED Driver
EV4689DN-00A MPS-EV4689DN-00A Datasheet
238Kb / 5P
100V Input 1A High Power LED Driver
EV46885DN-00A MPS-EV46885DN-00A Datasheet
147Kb / 3P
80V INPUT 0.5A HIGH POWER LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com