Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4690 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP4690
Description  Smart Bypass For LED Open Protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4690 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP4690 Datasheet HTML 2Page - Monolithic Power Systems MP4690 Datasheet HTML 3Page - Monolithic Power Systems MP4690 Datasheet HTML 4Page - Monolithic Power Systems MP4690 Datasheet HTML 5Page - Monolithic Power Systems MP4690 Datasheet HTML 6Page - Monolithic Power Systems MP4690 Datasheet HTML 7Page - Monolithic Power Systems MP4690 Datasheet HTML 8Page - Monolithic Power Systems MP4690 Datasheet HTML 9Page - Monolithic Power Systems MP4690 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MP4690 – SMART BYPASS FOR LED OPEN PROTECTION
MP4690 Rev. 1.0
www.MonolithicPower.com
6
7/7/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
BLOCK DIAGRAM
Functional Block Diagram
OPERATION
The MP4690 monitors the drain to source
voltage of its internal MOSFET. When the VDS is
higher than the threshold voltage of 6V, the
MOSFET is turned on to provide a current path
to replace the opened LED.
After the MOSFET is turned on, the MP4690
checks the LED status every 40us~100us. If the
LED is healed, the MP4690 exits the protection
and gives the current path back to the LED. If
the
LED is still open, the MP4690 continues its
protection. The current goes through the
internal MOSFET of the MP4690.
The status-check duration can be as short as
120ns. During the 120ns, the LED current of
string is maintained through the zener diode
inside the MP4690. The voltage across the
MP4690 is clamped to 7V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com