Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4690 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP4690
Description  Smart Bypass For LED Open Protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4690 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP4690 Datasheet HTML 1Page - Monolithic Power Systems MP4690 Datasheet HTML 2Page - Monolithic Power Systems MP4690 Datasheet HTML 3Page - Monolithic Power Systems MP4690 Datasheet HTML 4Page - Monolithic Power Systems MP4690 Datasheet HTML 5Page - Monolithic Power Systems MP4690 Datasheet HTML 6Page - Monolithic Power Systems MP4690 Datasheet HTML 7Page - Monolithic Power Systems MP4690 Datasheet HTML 8Page - Monolithic Power Systems MP4690 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MP4690
Smart Bypass For
LED Open Protection
MP4690 Rev. 1.0
www.MonolithicPower.com
1
7/7/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP4690 is a MOSFET based smart bypass
for LED open protection, which provides a current
bypass in the case of a single LED fails and
becomes an open circuit. When the LED heals
itself or is replaced, the MP4690 automatically
resets. This device features very low voltage
drop so that the conduction loss is very small
during the protection. It achieves excellent
thermal performance and energy efficiency.
LED lighting requires high reliability, especially
in applications, such as automobiles, aircrafts,
and streetlights. The MP4690 is used in parallel
with each LED so that when one LED fails,
other LEDs in the same string can still function
normally.
The usage of the MP4690 is not limited to just
LED loads. It can also be used with other loads
where open protection is required.
The MP4690 is typically used with 1W-2W.
LEDs. The device is available in a SOD123
package.
FEATURES
 Simple Two Terminal Device
 Automatic Reset if the LED Heals itself or is
Replaced
 0.22Ω Typical On-state Resistance
 Less than 1µA Off-state Current
 Available in SOD123 Package
APPLICATIONS
 LEDs where Preventive Maintenance is not
Practical
 LED Headlights
 LEDs with high Reliability Requirements
 Crowbar Protection for Open Circuit
Conditions
 Over-voltage Protection for Sensitive
Circuits
For MPS green status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
Control
Circuit
Drain
Source


Similar Part No. - MP4690

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4600 MPS-MP4600 Datasheet
227Kb / 8P
High-Voltage WLED Driver For Large Panel TV Backlighting
MP4600DQ MPS-MP4600DQ Datasheet
227Kb / 8P
High-Voltage WLED Driver For Large Panel TV Backlighting
MP4601 MPS-MP4601 Datasheet
447Kb / 16P
White LED Driver For Large Size TV Backlighting
MP4601EF MPS-MP4601EF Datasheet
447Kb / 16P
White LED Driver For Large Size TV Backlighting
MP4601EF MPS-MP4601EF Datasheet
222Kb / 6P
Buck-Boost White LED Driver For TV Backlighting Applications
More results

Similar Description - MP4690

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33565 ONSEMI-MC33565 Datasheet
88Kb / 8P
200 mA INTELLIGENT LDO REGULATOR WITH SMART BYPASS CONTROL
Rev 0, 6/99
logo
Monolithic Power System...
MP3204 MPS-MP3204 Datasheet
267Kb / 8P
1.3MHz Fixed Frequency 5 White LED Driver with Open LED Protection
logo
Texas Instruments
LM3466 TI1-LM3466_12 Datasheet
283Kb / 13P
Smart Linear LED Driver for Multi-Channel LED Systems
February 2, 2012
SM74611 TI-SM74611 Datasheet
709Kb / 11P
Smart Bypass Diode
logo
STMicroelectronics
LBP01-0810B STMICROELECTRONICS-LBP01-0810B Datasheet
225Kb / 8P
LED bypass protection
20-Mar-2012
LBP01-0803SC5 STMICROELECTRONICS-LBP01-0803SC5 Datasheet
225Kb / 8P
LED bypass protection
20-Mar-2012
logo
Unisonic Technologies
L4120G-AB5-R UTC-L4120G-AB5-R Datasheet
167Kb / 4P
LED open-circuit protection
logo
Laird Tech Smart Techno...
WL-5000 LSTD-WL-5000 Datasheet
1,011Kb / 3P
Bypass Valve Protection
logo
STMicroelectronics
STEVAL-ILL026V1 STMICROELECTRONICS-STEVAL-ILL026V1 Datasheet
145Kb / 4P
LED open circuit protection
04-Dec-2009
logo
Monolithic Power System...
EV4690GSD-00A MPS-EV4690GSD-00A Datasheet
132Kb / 4P
Smart Bypass For LED Open Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com