Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4690GSD Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP4690GSD
Description  Smart Bypass For LED Open Protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4690GSD Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP4690GSD Datasheet HTML 3Page - Monolithic Power Systems MP4690GSD Datasheet HTML 4Page - Monolithic Power Systems MP4690GSD Datasheet HTML 5Page - Monolithic Power Systems MP4690GSD Datasheet HTML 6Page - Monolithic Power Systems MP4690GSD Datasheet HTML 7Page - Monolithic Power Systems MP4690GSD Datasheet HTML 8Page - Monolithic Power Systems MP4690GSD Datasheet HTML 9Page - Monolithic Power Systems MP4690GSD Datasheet HTML 10Page - Monolithic Power Systems MP4690GSD Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MP4690 – SMART BYPASS FOR LED OPEN PROTECTION
MP4690 Rev. 1.0
www.MonolithicPower.com
7
7/7/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
APPLICATION INFORMATION
Open LED protection serves as an electronic
shunt to provide a current bypass for a single
LED that fails due to an open circuit. A typical
forward voltage drop of a normally on-state LED
is approximately 3V, which is below the
MP4690 turn-on threshold. When an LED is
open, the voltage across the opened LED is
boosted up by LED controller, causing the
protection device to turn on.
The MP4690 integrates a low 220mΩ on-
resistance N-channel MOSFET to reduce the
turn-on power loss. This feature makes the
MP4690 suitable for one-, two-, or three-watt
LEDs that have a nominal 3V forward voltage
drop.
The MP4690 is a two terminal device, which
automatically resets if the LED heals itself or is
replaced.
Applying the Open LED Protection
The protection applies to any designs and it is
easy to implement. By connecting one MP4690
in parallel with each LED in a string, the string
is protected from an open-circuit failure.
Figure 1 shows a typical LED driver circuit with
open LED protection device, MP4690.
Figure 1. LED Open Protection Circuit
The LED driver can be any kind of topology that
can provide constant current output, such as
Buck, Boost or Buck-Boost converter.
Adding an Inductor to Smooth LED Current
There are many kinds of LED driver circuits.
Some require output capacitors while others do
not. When the MP4688 LED driver is used,
there is no need to add an external inductor.
Figure 2 No Output Capacitor LED Driver
As shown in Figure 2, since there is no output
capacitor, the LED string is connected to the
buck output inductor L1 directly. In case an
open circuit happens at LED1, for example, the
inductor L1 still maintains the LED current. At
the same time, the voltage across the open
circuit LED1 is boosted up immediately. U1
clamps the voltage at 7V. After about 120ns
delay, the internal MOSFET of U1 turns on,
thus the bypass circuit is established. During
the 120ns period, the current flow in LED2,
LED3 is nearly unchanged. That’s a benefit of
the output inductor L1, which acts like a current
source.
For LED drivers that require output capacitors,
maybe an additional inductor with small value is
needed for short LED strings (<5 LEDs).
Otherwise, the LED current will drop to zero
rapidly when any LED open circuit happens and
the MP4690 doesn’t have enough time to turn
on the switch. Figure 3 is an example of an LED
driver circuit with an output capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com