Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4690GSD Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP4690GSD
Description  Smart Bypass For LED Open Protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4690GSD Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP4690GSD Datasheet HTML 3Page - Monolithic Power Systems MP4690GSD Datasheet HTML 4Page - Monolithic Power Systems MP4690GSD Datasheet HTML 5Page - Monolithic Power Systems MP4690GSD Datasheet HTML 6Page - Monolithic Power Systems MP4690GSD Datasheet HTML 7Page - Monolithic Power Systems MP4690GSD Datasheet HTML 8Page - Monolithic Power Systems MP4690GSD Datasheet HTML 9Page - Monolithic Power Systems MP4690GSD Datasheet HTML 10Page - Monolithic Power Systems MP4690GSD Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MP4690 – SMART BYPASS FOR LED OPEN PROTECTION
MP4690 Rev. 1.0
www.MonolithicPower.com
8
7/7/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
Figure 3 LED Driver with Output Capacitor
For most current mode PWM control Buck
converters like MP2488, the output capacitor
C1 is necessary to reduce the output voltage
ripple and stabilize the control loop. Without the
external inductor L2, two things happen when
LED1 enters open circuit. Firstly, the voltage of
C1 can’t change rapidly so U1 can’t turn on until
VOUT is 6V higher than before. There is no
current path to maintain the LED2, LED3
current constant so the LED current collapses
to zero rapidly and it’s discontinuous. Secondly,
the Vout voltage has large voltage ripple. As a
result, the primary LED driver controller can’t
work at stable state unless remove the Vout
ripple voltage.
The added inductor L2 can avoid above two
issues without influencing the original LED
driver circuit’s normal operation. The L2 acts
like a current source to boost up the U1 drain
voltage for hiccup operation. When the U1
switch is off, LED current drops but the inductor
will try to push the current into the LED string,
hence charge up the MP4690 drain voltage and
initiates next hiccup cycle within 120ns. The
inductor L2 also eliminates the voltage ripple of
VOUT.
A larger value inductor results in less LED
current drop during which the MP4690 switch is
off, keeping the LED current more constant.
However, a larger value inductor has a larger
physical size, higher series resistance, and
lower saturation current.
A 1µH inductor is recommended for 2W LED
applications
and
a
2.2µH
inductor
is
recommended for most 1W LED applications.
However, a more exact inductance value can
be calculated. A good rule of thumb is to allow
the LED current drop to zero at the moment the
MP4690 switch turns on.
Figure 4 External Inductor Calculation
As figure 4 shows, the external inductor value
can be calculated by following equation:
LED
7V
T
L
I

Where VDS is the voltage of MP4690, ILED is the
LED output current and ΔT is the MP4690
protection delay time, typical value is about
100~150ns.
If the LED string is long enough, the inductor
can probably be saved even there exists output
capacitor. The LED forward voltage change will
make up the voltage change to initiate MP4690
hiccup mode. Generally speaking, for 1W LED
application when the series LED quantity is
more than 5, the external inductor can be saved.
Optional Decoupling Capacitor and PCB
Layout
An optional ceramic decoupling capacitor
across MP4690 is recommended for large size
LED application. The decoupling capacitor can
reduce the voltage spike which is produced by
the parasitic inductance and high di/dt from the
open circuit LED. A 3.3nF ceramic capacitor is
recommended for most applications where the
PCB trace from MP4690 to protected LED is
too long. In order to remove the decoupling
capacitor, we recommended improved the PCB
layout as following figure shows.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com