Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5000 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP5000
Description  12V, 5A Programmable Current Limit Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5000 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP5000 Datasheet HTML 1Page - Monolithic Power Systems MP5000 Datasheet HTML 2Page - Monolithic Power Systems MP5000 Datasheet HTML 3Page - Monolithic Power Systems MP5000 Datasheet HTML 4Page - Monolithic Power Systems MP5000 Datasheet HTML 5Page - Monolithic Power Systems MP5000 Datasheet HTML 6Page - Monolithic Power Systems MP5000 Datasheet HTML 7Page - Monolithic Power Systems MP5000 Datasheet HTML 8Page - Monolithic Power Systems MP5000 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MP5000 – 12V, 1A-5A PROGRAMMABLE CURRENT LIMIT SWITCH
MP5000 Rev. 1.41
www.MonolithicPower.com
3
9/6/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VCC = 12V, RLIMIT=22Ω, Capacitive Load = 100μF, TA=25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Power FET
Delay Time
tDLY
Enabling
of
chip
to
ID=100mA with a 1A resistive
load
0.15
ms
ON Resistance
(4)
RDSon
TJ=25°C
44
82
m
Ω
TJ=80°C
95
Off State Output Voltage
VOFF
VCC=18Vdc,
VENABLE=0Vdc,
RL= 500Ω
120
mV
Continuous Current
ID
0.5 in
2 pad,
4.2
A
Minimum Copper, TA=80°C
2.3
Thermal Latch
Shutdown Temperature
TSD
175
°C
Under/Over Voltage Protection
Output Clamping Voltage
VCLAMP
Overvoltage Protection
VCC=17V
13.8
15
16.2
V
Under Voltage Lockout
VUVLO
Turn on,
Voltage going high
7.7
8.5
9.3
V
Under Voltage Lockout (UVLO)
Hysteresis
VHYST
0.80
V
Current Limit
Hold Current
(4)
ILIM-SS
RLIM=22Ω
2.4
3.7
5.0
A
Trip Current
ILIM-OL
RLIM=22Ω,
5.0
A
dv/dt Circuit
Rise Time
Tr
Float dv/dt pin, Note 5
0.64
1.1
2.1
ms
Enable/Fault
Low Level Input Voltage
VIL
Output Disabled
0.5
V
Intermediate Level Input Voltage
VI (INT)
Thermal
Fault,
Output
Disabled
0.82
1.4
1.95
V
High Level Input Voltage
VIH
Output Enabled
2.5
V
High State Maximum Voltage
VI (MAX)
4.8
V
Low Level Input Current (Sink)
IIL
VENABLE=0V
-28
-50
μA
Maximum Fanout for Fault Signal
Total number of chips that
can
be
connected
for
simultaneous shutdown
3
Units
Maximum Voltage on Enable/Fault
Pin
VMAX
Note 6
VCC
V
Total Device
Bias Current
IBIAS
Device Operational
1.5
2.0
mA
Thermal Shutdown
0.4
Minimum Operating Voltage for
UVLO
VMIN
Enable<0.5V
5
V
Notes:
4) Guaranteed by design.
5) Measured from 10% to 90%.
6) Maximum Input Voltage on Enable pin to be
≤ 6.0V if Vcc ≥ 6.0V, Maximum Input Voltage on Enable pin to be Vcc if Vcc ≤ 6.0V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com