Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5000 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP5000
Description  12V, 5A Programmable Current Limit Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5000 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP5000 Datasheet HTML 1Page - Monolithic Power Systems MP5000 Datasheet HTML 2Page - Monolithic Power Systems MP5000 Datasheet HTML 3Page - Monolithic Power Systems MP5000 Datasheet HTML 4Page - Monolithic Power Systems MP5000 Datasheet HTML 5Page - Monolithic Power Systems MP5000 Datasheet HTML 6Page - Monolithic Power Systems MP5000 Datasheet HTML 7Page - Monolithic Power Systems MP5000 Datasheet HTML 8Page - Monolithic Power Systems MP5000 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MP5000 – 12V, 1A-5A PROGRAMMABLE CURRENT LIMIT SWITCH
MP5000 Rev. 1.41
www.MonolithicPower.com
4
9/6/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
GND
Negative Input Voltage to the Device. This is used as the internal reference for the IC.
2
dv/dt
The internal dv/dt circuit controls the slew rate of the output voltage at turn on. It has an
internal capacitor that allows it to ramp up over the period of 1.1ms. An external
capacitor can be added to this pin to increase the ramp time. If an additional time delay
is not required, this pin should be left open.
3
Enable/Fault
The Enable/Fault pin is a tri-state, bi-directional interface. It can be used to enable the
output of the device by floating the pin, or disable the chip by pulling it to ground (using
an open drain or open collector device). If a thermal fault occurs, the voltage on this pin
will go to an intermediate state to signal a monitoring circuit that the device is in thermal
shutdown. See text:
“ENABLE/FAULT PIN”.
4
I-Limit
A resistor between this pin and the Source pin sets the overload and short circuit
current limit levels.
5
N/C
DO NOT CONNECT. Pin must be left floating.
6-10
SOURCE
This pin is the source of the internal power FET and the output terminal of the IC.
11
VCC
(Exposed Pad)
Positive input voltage to the device (exposed pad).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com