Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PZU6.2DB2DG Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PZU6.2DB2DG
Description  Dual Zener diodes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PZU6.2DB2DG Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PZU6.2DB2DG Datasheet HTML 2Page - NXP Semiconductors PZU6.2DB2DG Datasheet HTML 3Page - NXP Semiconductors PZU6.2DB2DG Datasheet HTML 4Page - NXP Semiconductors PZU6.2DB2DG Datasheet HTML 5Page - NXP Semiconductors PZU6.2DB2DG Datasheet HTML 6Page - NXP Semiconductors PZU6.2DB2DG Datasheet HTML 7Page - NXP Semiconductors PZU6.2DB2DG Datasheet HTML 8Page - NXP Semiconductors PZU6.2DB2DG Datasheet HTML 9Page - NXP Semiconductors PZU6.2DB2DG Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
PZUXDB2_SER_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 31 March 2008
6 of 12
NXP Semiconductors
PZUxDB2 series
Dual Zener diodes
Tj =25 °C (prior to surge)
Tj =25 °C
Fig 1.
Non-repetitive peak reverse power dissipation
as a function of pulse duration; maximum
values
Fig 2.
Forward current as a function of forward
voltage; typical values
Tj =25 °C to 150 °C
PZU2.7DB2 to PZU4.3DB2
PZU2.7DB2/DG to PZU4.3DB2/DG
Tj =25 °C to 150 °C
PZU4.7DB2 to PZU12DB2
PZU4.7DB2/DG to PZU12DB2/DG
Fig 3.
Temperature coefficient as a function of
working current; typical values
Fig 4.
Temperature coefficient as a function of
working current; typical values
006aab215
102
10
103
PZSM
(W)
1
tp (s)
10−4
10−2
10−3
VF (V)
0.6
1
0.8
mbg781
100
200
300
IF
(mA)
0
060
0
−2
−3
−1
20
40
IZ (mA)
SZ
(mV/K)
4.3
3.9
3.6
3.3
3.0
2.7
006aab216
020
16
10
0
−5
5
mgl274
48
12
IZ (mA)
SZ
(mV/K)
4.7
12
11
10
9.1
8.2
7.5
6.8
6.2
5.6
5.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com