Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PZU6.2DB2DG Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PZU6.2DB2DG
Description  Dual Zener diodes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PZU6.2DB2DG Datasheet(HTML) 1 Page - NXP Semiconductors

  PZU6.2DB2DG Datasheet HTML 1Page - NXP Semiconductors PZU6.2DB2DG Datasheet HTML 2Page - NXP Semiconductors PZU6.2DB2DG Datasheet HTML 3Page - NXP Semiconductors PZU6.2DB2DG Datasheet HTML 4Page - NXP Semiconductors PZU6.2DB2DG Datasheet HTML 5Page - NXP Semiconductors PZU6.2DB2DG Datasheet HTML 6Page - NXP Semiconductors PZU6.2DB2DG Datasheet HTML 7Page - NXP Semiconductors PZU6.2DB2DG Datasheet HTML 8Page - NXP Semiconductors PZU6.2DB2DG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1.
Product profile
1.1 General description
Dual isolated general-purpose Zener diodes in SOT353 (SC-88A) very small
Surface-Mounted Device (SMD) standard plastic and dark-green plastic packages.
1.2 Features
1.3 Applications
I General regulation functions
1.4 Quick reference data
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
[2]
tp = 100 µs; square wave; Tj =25 °C prior to surge
PZUxDB2 series
Dual Zener diodes
Rev. 01 — 31 March 2008
Product data sheet
I Non-repetitive peak reverse power
dissipation: PZSM =40W
I Dual isolated diodes configuration
I Total power dissipation: Ptot ≤ 250 mW I Small standard plastic package suitable
for surface-mounted design
I Tolerance series:
B2: approximately
±2%
I Small dark-green, halogen-free plastic
package suitable for surface-mounted
design
I Wide working voltage range:
nominal 2.7 V to 24 V
I AEC-Q101 qualified
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
VF
forward voltage
IF = 100 mA
[1] -
-
1.1
V
PZSM
non-repetitive peak reverse
power dissipation
[2] --40
W


Similar Part No. - PZU6.2DB2DG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PZU6.2DB2 NXP-PZU6.2DB2 Datasheet
124Kb / 12P
Dual Zener diodes
Rev. 01-31 March 2008
PZU6.2DB2 NXP-PZU6.2DB2 Datasheet
124Kb / 12P
Dual Zener diodes
Rev. 01-31 March 2008
logo
Nexperia B.V. All right...
PZU6.2DB2 NEXPERIA-PZU6.2DB2 Datasheet
238Kb / 13P
Dual Zener diodes
Rev. 01 - 31 March 2008
logo
NXP Semiconductors
PZU6.2DB2/DG NXP-PZU6.2DB2/DG Datasheet
124Kb / 12P
Dual Zener diodes
Rev. 01-31 March 2008
PZU6.2DB2/DG NXP-PZU6.2DB2/DG Datasheet
124Kb / 12P
Dual Zener diodes
Rev. 01-31 March 2008
More results

Similar Description - PZU6.2DB2DG

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
AZ23-C2V7 GE-AZ23-C2V7 Datasheet
387Kb / 8P
DUAL ZENER DIODES
logo
NXP Semiconductors
BZB84 NXP-BZB84 Datasheet
90Kb / 14P
Dual Zener diodes
Rev. 03-9 June 2009
PZUXDB2 NXP-PZUXDB2 Datasheet
124Kb / 12P
Dual Zener diodes
Rev. 01-31 March 2008
PZU7.5DB2 NXP-PZU7.5DB2 Datasheet
124Kb / 12P
Dual Zener diodes
Rev. 01-31 March 2008
PZU10DB2 NXP-PZU10DB2 Datasheet
124Kb / 12P
Dual Zener diodes
Rev. 01-31 March 2008
BZB84-B3V0 NXP-BZB84-B3V0 Datasheet
90Kb / 14P
Dual Zener diodes
Rev. 03-9 June 2009
BZB84-C20 NXP-BZB84-C20 Datasheet
90Kb / 14P
Dual Zener diodes
Rev. 03-9 June 2009
CD74ACT573M NXP-CD74ACT573M Datasheet
90Kb / 14P
Dual Zener diodes
Rev. 03-9 June 2009
logo
Nexperia B.V. All right...
BZB84_SER NEXPERIA-BZB84_SER Datasheet
2Mb / 14P
Dual Zener diodes
Rev. 03 - 9 June 2009
PZUXDB2_SER NEXPERIA-PZUXDB2_SER Datasheet
238Kb / 13P
Dual Zener diodes
Rev. 01 - 31 March 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com