Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5421 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP5421
Description  High Speed, Rail-to-Rail Input-Output, and Single-Supply Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5421 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP5421 Datasheet HTML 1Page - Monolithic Power Systems MP5421 Datasheet HTML 2Page - Monolithic Power Systems MP5421 Datasheet HTML 3Page - Monolithic Power Systems MP5421 Datasheet HTML 4Page - Monolithic Power Systems MP5421 Datasheet HTML 5Page - Monolithic Power Systems MP5421 Datasheet HTML 6Page - Monolithic Power Systems MP5421 Datasheet HTML 7Page - Monolithic Power Systems MP5421 Datasheet HTML 8Page - Monolithic Power Systems MP5421 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MP5121_MP5221_MP5421 –High Speed, single-supply Rail-to-Rail Input-Output Op Amps
MP5121_MP5221_MP5421 Rev. 0.91
www.MonolithicPower.com
3
12/9/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Package
Top Marking
Free Air Temperature (TA)
MP5121DJ*
TSOT23-5
2R
MP5221DK**
MOSP-8
5221D
MP5421DM***
TSSOP-14
M5421DM
–40
°C to +85°C
* For Tape and Reel, add suffix -Z (eg. MP5121DJ-Z).
For RoHS Compliant Packaging, add suffix-LF (eg. MP5121DJ-LF-Z).
** For Tape and Reel, add suffix -Z (eg. MP5221DK-Z).
For RoHS Compliant Packaging, add suffix-LF (eg. MP5221DK-LF-Z).
*** For Tape and Reel, add suffix -Z (eg. MP5421DM-Z).
For RoHS Compliant Packaging, add suffix-LF (eg. MP5421DM-LF-Z).
PACKAGE REFERENCE
TOP VIEW
TOP VIEW
--
--
--
+
1
TOP VIEW
1
4
3
2
8
5
6
7
5
4
2
3
VS+
VOUT
VOUTA
MP5121
(5-PIN TSOT)
MP5421
(14-PIN TSSOP)
MP5221
(8-PIN MSOP)
VINA-
VS-
VS+
VOUTB
VINB-
VINB+
VINA+
1
4
3
2
VOUTA
VINA-
VS+
VINA+
7
6
5
14
11
12
13
8
9
10
VINB+
VOUTB
VINB-
VOUTD
VIND-
VS-
VIND+
VINC+
VOUTC
VINC-
VS-
VIN+
VIN-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com