Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5421 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP5421
Description  High Speed, Rail-to-Rail Input-Output, and Single-Supply Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5421 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP5421 Datasheet HTML 1Page - Monolithic Power Systems MP5421 Datasheet HTML 2Page - Monolithic Power Systems MP5421 Datasheet HTML 3Page - Monolithic Power Systems MP5421 Datasheet HTML 4Page - Monolithic Power Systems MP5421 Datasheet HTML 5Page - Monolithic Power Systems MP5421 Datasheet HTML 6Page - Monolithic Power Systems MP5421 Datasheet HTML 7Page - Monolithic Power Systems MP5421 Datasheet HTML 8Page - Monolithic Power Systems MP5421 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MP5121, MP5221, MP5421
High Speed, Rail-to-Rail Input-Output, and
Single-Supply Op Amps
MP5121_MP5221_MP5421 Rev. 0.91
www.MonolithicPower.com
1
12/9/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The
MP5121(single),
MP5221(dual),
and
MP5421(quad) are high-speed, high-voltage
rail-to-rail input-output amplifiers for use as
voltage reference buffers in Thin Film Transistor
Liquid Crystal Displays (TFT-LCDs). The
MP5121 family provides excellent overall
performance and versatility. The 20MHz –3dB
bandwidth and 45V/
µs slew rate make these
amplifier
suitable
for
many
portable
applications.
The MP5121, MP5221, and MP5421 are
designed to operate at supply voltages as low
as 3.2V and up to 20V at 1.6mA of supply
current per amplifier. The MP5121 family has
true single supply capability. The input can
swing 0.5V below the negative rail and 0.5V
above the positive rail. The output can swing
within 100mV of each rail.
The MP5421 quad channel is available in the
space-saving 14-pin TSSOP package. The
MP5221 Dual channel is available in the 8-pin
MSOP package and the MP5121 single
channel is available in 5-pin TSOT package. All
feature a standard operational amplifier pin out.
FEATURES
• 20MHz –3dB Bandwidth
• 45V/µs Slew Rate
• Single-Supply Operation: 3.2V to 20V
• Supply Current (per amplifier)1.6mA
• Unity-Gain Stable
• Output Swing within 100mV of Supply Rail
• Rail-to-Rail Input Capability
• High Output Drive Capability (50mA)
• MP5121 Available in TSOT-5
• MP5221 Available in MSOP-8
• MP5421 Available in TSSOP-14
APPLICATIONS
• TFT-LCD Drive Circuits
• Electronic Notebooks
• Electronic Games
• Touch-Screen Displays
• Personal Communication Devices
• Personal Digital Assistants (PDA)
• Portable Instrumentation
• Sampling ADC Amplifiers
• Wireless LAN
• Office Automation
• Active Filters
• ADC/DAC Buffer
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks
of Monolithic Power Systems, Inc.


Similar Part No. - MP5421

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP5420 MPS-MP5420 Datasheet
470Kb / 10P
High Speed, /-9V, Rail-to-Rail Input-Output Op Amps
MP5420DM MPS-MP5420DM Datasheet
470Kb / 10P
High Speed, /-9V, Rail-to-Rail Input-Output Op Amps
MP5424 MPS-MP5424 Datasheet
1Mb / 44P
5V PMIC with Four 4.5A/2.5A/4.5A/2A Buck Converters, 3 LDOs, 1 Load Switch, and Flexible System Settings via I2C and MTP
12/6/2021 Rev. 1.0
MP5424-0000 MPS-MP5424-0000 Datasheet
1Mb / 44P
5V PMIC with Four 4.5A/2.5A/4.5A/2A Buck Converters, 3 LDOs, 1 Load Switch, and Flexible System Settings via I2C and MTP
12/6/2021 Rev. 1.0
MP5424GRM-0000 MPS-MP5424GRM-0000 Datasheet
1Mb / 44P
5V PMIC with Four 4.5A/2.5A/4.5A/2A Buck Converters, 3 LDOs, 1 Load Switch, and Flexible System Settings via I2C and MTP
12/6/2021 Rev. 1.0
More results

Similar Description - MP5421

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP191 AD-OP191 Datasheet
479Kb / 20P
Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
REV.0
logo
Linear Technology
LT1218 LINER-LT1218 Datasheet
375Kb / 16P
Precision Rail-to-Rail Input and Output Op Amps
logo
Intersil Corporation
ISL28276 INTERSIL-ISL28276 Datasheet
530Kb / 12P
Dual Precision Micropower Single Supply Rail-to-Rail Input and Output Precision Op-Amps
June 23, 2006
logo
Analog Devices
OP191 AD-OP191_06 Datasheet
605Kb / 24P
Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. D
logo
Monolithic Power System...
MP5120 MPS-MP5120 Datasheet
470Kb / 10P
High Speed, /-9V, Rail-to-Rail Input-Output Op Amps
logo
Analog Devices
OP191 AD-OP191_15 Datasheet
562Kb / 24P
eMicropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. E
OP291 AD-OP291_15 Datasheet
562Kb / 24P
Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. E
OP491 AD-OP491_15 Datasheet
562Kb / 24P
Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. E
logo
Linear Technology
LT1218 LINER-LT1218_15 Datasheet
327Kb / 16P
Precision Rail-to-Rail Input and Output Op Amps
LT1219 LINER-LT1219_15 Datasheet
327Kb / 16P
Precision Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com