Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5420DM Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP5420DM
Description  High Speed, /-9V, Rail-to-Rail Input-Output Op Amps
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5420DM Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP5420DM Datasheet HTML 1Page - Monolithic Power Systems MP5420DM Datasheet HTML 2Page - Monolithic Power Systems MP5420DM Datasheet HTML 3Page - Monolithic Power Systems MP5420DM Datasheet HTML 4Page - Monolithic Power Systems MP5420DM Datasheet HTML 5Page - Monolithic Power Systems MP5420DM Datasheet HTML 6Page - Monolithic Power Systems MP5420DM Datasheet HTML 7Page - Monolithic Power Systems MP5420DM Datasheet HTML 8Page - Monolithic Power Systems MP5420DM Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MP5120_MP5220_MP5420 –HIGH SPEED, +/-9V, RAIL-TO-RAIL INPUT-OUTPUT OP AMPS
MP5120_MP5220_MP5420 Rev. 0.91
www.MonolithicPower.com
5
12/9/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VS+=5V, VS-=-5V, RL=10KΩ, CL=12pF, TA=25ºC, unless otherwise noted.
Supply Current vs.
Supply Voltage
MP5120
Frequency Response vs. CL
Open Loop
Frequency Response vs. RL
Output Noise vs. Frequency
MP5120
Closed Loop Av=1
Closed Loop Av=2
VOS vs. VIN
PSRR vs. Frequency
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
2468 10 12 14 16 18
Supply Voltage (V)
VIN ( V )
Frequency (kHz )
Frequency ( kHz )
-50
-40
-30
-20
-10
0
10
20
30
40
50
Frequency (kHz)
Frequency (kHz)
-50
-40
-30
-20
-10
0
10
20
30
40
50
-200
-150
-100
-50
0
50
100
150
200
-16
-12
-8
-4
0
4
8
12
16
0.1
10
1000
100000
Frequency (kHz)
Frequency (kHz)
Frequency (Hz)
-5
-4
-3
-2
-1
0
1
2
3
4
5
10k
1k
560
560
150
Av=1
1
10
100
1000
10000
0.1
10
1000
100000
0.1 1 10 100 1000 10000 100000
0.1 1 10 100 1000 10000 100000
-200
-150
-100
-50
0
50
100
150
200
-20
-15
-10
-5
0
5
10
15
20
-4 -3 -2 -1
0
1
2
3
4
-40
-20
0
20
40
60
80
1
10
100
1000 10000 100000
0
20
40
60
80
100
120
140
160
180
200
1
10
100
1000 10000 100000
Gain
Phase
Phase
Phase
Gain
Gain
1000pF
100pF
50pF
0pF
10
20
30
40
50
60
70
80
90
100
0.1
10
1000
100000



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com