Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5420DM Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP5420DM
Description  High Speed, /-9V, Rail-to-Rail Input-Output Op Amps
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5420DM Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP5420DM Datasheet HTML 1Page - Monolithic Power Systems MP5420DM Datasheet HTML 2Page - Monolithic Power Systems MP5420DM Datasheet HTML 3Page - Monolithic Power Systems MP5420DM Datasheet HTML 4Page - Monolithic Power Systems MP5420DM Datasheet HTML 5Page - Monolithic Power Systems MP5420DM Datasheet HTML 6Page - Monolithic Power Systems MP5420DM Datasheet HTML 7Page - Monolithic Power Systems MP5420DM Datasheet HTML 8Page - Monolithic Power Systems MP5420DM Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MP5120, MP5220, MP5420
High Speed, +/-9V, Rail-to-Rail Input-Output
Op Amps
MP5120_MP5220_MP5420 Rev. 0.91
www.MonolithicPower.com
1
12/9/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP5120 (single), MP5220 (dual), and
MP5420 (quad) are high-speed, high-voltage
rail-to-rail input-output amplifiers for use as
voltage reference buffers in Thin Film Transistor
Liquid Crystal Displays (TFT-LCDs). The
MP5120 family provides excellent overall
performance and versatility. The 20MHz –3dB
bandwidth and 45V/
µs slew rate make these
amplifier
suitable
for
many
portable
applications.
The MP5120, MP5220, and MP5240 are
designed to operate at supply voltages as low
as 3.2V and up to 18V at 1.6mA of supply
current per amplifier. The input can swing 0.5V
below the negative rail and 0.5V above the
positive rail. The output can swing within
100mV of each rail.
The MP5420 quad channel is available in the
space-saving 14-pin TSSOP package. The
MP5220 dual channel is available in the 8-pin
MSOP package and the MP5120 single
channel is available in 5-pin TSOT package. All
feature a standard operational amplifier pin out.
FEATURES
• Supply Operation: +/-9V
• 20MHz –3dB Bandwidth
• 45V/µs Slew Rate
• Supply Current (per amplifier)1.6mA
• Unity-Gain Stable
• Output Swing within 100mV of Supply Rail
• Rail-to-Rail Input Capability
• High Output Drive Capability (50mA)
• MP5120 Available in TSOT-5
• MP5220 Available in MSOP-8
• MP5420 Available in TSSOP14
APPLICATIONS
• TFT-LCD Drive Circuits
• Electronic Notebooks
• Electronic Games
• Touch-Screen Displays
• Personal Communication Devices
• Personal Digital Assistants (PDA)
• Portable Instrumentation
• Sampling ADC Amplifiers
• Wireless LAN
• Office Automation
• Active Filters
• ADC/DAC Buffer
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks
of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
VIN+
GND
+
-
MP5120
U1
0.1nF
Co
Vs+
10uF
Vs-
TFT LCD
0.1nF
10uF


Similar Part No. - MP5420DM

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP5421 MPS-MP5421 Datasheet
480Kb / 12P
High Speed, Rail-to-Rail Input-Output, and Single-Supply Op Amps
MP5421DM MPS-MP5421DM Datasheet
480Kb / 12P
High Speed, Rail-to-Rail Input-Output, and Single-Supply Op Amps
MP5424 MPS-MP5424 Datasheet
1Mb / 44P
5V PMIC with Four 4.5A/2.5A/4.5A/2A Buck Converters, 3 LDOs, 1 Load Switch, and Flexible System Settings via I2C and MTP
12/6/2021 Rev. 1.0
MP5424-0000 MPS-MP5424-0000 Datasheet
1Mb / 44P
5V PMIC with Four 4.5A/2.5A/4.5A/2A Buck Converters, 3 LDOs, 1 Load Switch, and Flexible System Settings via I2C and MTP
12/6/2021 Rev. 1.0
MP5424GRM-0000 MPS-MP5424GRM-0000 Datasheet
1Mb / 44P
5V PMIC with Four 4.5A/2.5A/4.5A/2A Buck Converters, 3 LDOs, 1 Load Switch, and Flexible System Settings via I2C and MTP
12/6/2021 Rev. 1.0
More results

Similar Description - MP5420DM

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5210C ELANTEC-EL5210C Datasheet
329Kb / 14P
30MHz Rail-to-Rail Input-Output Op Amps
EL5220C ELANTEC-EL5220C Datasheet
275Kb / 13P
12MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5210 INTERSIL-EL5210 Datasheet
216Kb / 13P
30MHz Rail-to-Rail Input-Output Op Amps
May 6, 2005
EL5111 INTERSIL-EL5111 Datasheet
653Kb / 12P
60MHz Rail-to-Rail Input-Output Op Amps
October 29, 2004
EL5111 INTERSIL-EL5111_07 Datasheet
493Kb / 18P
60MHz Rail-to-Rail Input-Output Op Amps
January 10, 2007
EL5210 INTERSIL-EL5210_07 Datasheet
302Kb / 16P
30MHz Rail-to-Rail Input-Output Op Amps
July 5, 2007
EL5111_0705 INTERSIL-EL5111_0705 Datasheet
494Kb / 18P
60MHz Rail-to-Rail Input-Output Op Amps
May 7, 2007
EL5120IWT-T7 INTERSIL-EL5120IWT-T7 Datasheet
494Kb / 21P
12MHz Rail-to-Rail Input-Output Op Amps
October 15, 2015
logo
Renesas Technology Corp
EL5111 RENESAS-EL5111 Datasheet
857Kb / 19P
60MHz Rail-to-Rail Input-Output Op Amps
EL5120 RENESAS-EL5120 Datasheet
938Kb / 21P
12MHz Rail-to-Rail Input-Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com