Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6205DH Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP6205DH
Description  3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6205DH Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP6205DH Datasheet HTML 2Page - Monolithic Power Systems MP6205DH Datasheet HTML 3Page - Monolithic Power Systems MP6205DH Datasheet HTML 4Page - Monolithic Power Systems MP6205DH Datasheet HTML 5Page - Monolithic Power Systems MP6205DH Datasheet HTML 6Page - Monolithic Power Systems MP6205DH Datasheet HTML 7Page - Monolithic Power Systems MP6205DH Datasheet HTML 8Page - Monolithic Power Systems MP6205DH Datasheet HTML 9Page - Monolithic Power Systems MP6205DH Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MP6205 –CURRENT-LIMITED POWER DISTRIBUTION SWITCHE
MP6205 Rev. 0. 92
www.MonolithicPower.com
6
9/23/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN=5.5V, CL = 2.2µF, TA = +25ºC, unless otherwise noted.
Flag
5V/div
VOUT
2V/div
IOUT
0.2A/div
EN
2V/div
4ms/div
1s/div
1ms/div
Threshold Trip Current with
Ramped Load
on Enabled Device
Ramped Load
on Enabled Device
Short Circuit Current,
Device Enabled into Short
4ms/div
2ms/div
Flag
2V/div
2ms/div
VOUT
2V/div
VOUT
2V/div
VOUT
2V/div
VOUT
2V/div
VOUT
2V/div
IOUT
0.2A/div
IOUT
0.5A/div
IOUT
0.5A/div
IOUT
2A/div
EN
2V/div
EN
2V/div
EN
5V/div
EN
5V/div
EN
5V/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com