Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6205DH Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP6205DH
Description  3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6205DH Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP6205DH Datasheet HTML 1Page - Monolithic Power Systems MP6205DH Datasheet HTML 2Page - Monolithic Power Systems MP6205DH Datasheet HTML 3Page - Monolithic Power Systems MP6205DH Datasheet HTML 4Page - Monolithic Power Systems MP6205DH Datasheet HTML 5Page - Monolithic Power Systems MP6205DH Datasheet HTML 6Page - Monolithic Power Systems MP6205DH Datasheet HTML 7Page - Monolithic Power Systems MP6205DH Datasheet HTML 8Page - Monolithic Power Systems MP6205DH Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MP6205
3.3V/5V, Single-Channel 500mA
Current-Limited Power Distribution Switch
MP6205 Rev. 0. 92
www.MonolithicPower.com
1
9/23/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP6205 Power Distribution Switch features
internal current limiting to prevent damage to host
devices due to faulty load conditions. The MP6205
Analog switch features 90mΩ on-resistance and
operates from 2.7V to 5.5V input. It is available with
a guaranteed current limit, making it ideal for load
switching applications. The MP6205 has built-in
protection for both over current and increased
thermal stress. For over current, the device will limit
the current by changing to a constant current mode.
As the temperature increases as a result of short
circuit, the device will shut off. The device will
recover once the device temperature reduces to
approx 120
°C.
The MP6205 is available in QFN8, MSOP8E,
SOIC8E packages.
FEATURES
•
500mA Continuous Current
•
Accurate Current Limit
•
2.7V to 5.5V Supply Range
•
140uA Quiescent Current
•
90mΩ MOSFET
•
Thermal-Shutdown Protection
•
Under-Voltage Lockout
•
8ms FLAG Deglitch Time
•
No FLAG Glitch During Power Up
•
Reverse Current Blocking
•
QFN8, MSOP8E, SOIC8E Packages
•
UL Recognized: E322138
APPLICATIONS
•
Smartphone and PDA
•
Portable GPS Device
•
Set-top-box
•
USB Power Distribution
“MPS” and “The Future of Analog IC Technology” are Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
OUT
MP6205
SINGLE-CHANNEL
1
2, 3
4
5
6, 7, 8
+5V
To VBUS
USB Ports
FLAG
IN
GND
EN
OFF ON
UL Recognized Component


Similar Part No. - MP6205DH

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP62055 MPS-MP62055 Datasheet
376Kb / 10P
3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch
MP62055-3 MPS-MP62055-3 Datasheet
357Kb / 12P
3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch
MP62055EJ MPS-MP62055EJ Datasheet
376Kb / 10P
3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch
MP62055EJ-3 MPS-MP62055EJ-3 Datasheet
357Kb / 12P
3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch
MP62055ES-3 MPS-MP62055ES-3 Datasheet
357Kb / 12P
3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch
More results

Similar Description - MP6205DH

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6211-3 MPS-MP6211-3 Datasheet
589Kb / 13P
3.3V/5V, Single-Channel 1A Current-Limited Power Distribution Switch
MP6215 MPS-MP6215 Datasheet
658Kb / 10P
3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch
MP62055 MPS-MP62055 Datasheet
376Kb / 10P
3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch
MP62055-3 MPS-MP62055-3 Datasheet
357Kb / 12P
3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch
MP62061 MPS-MP62061 Datasheet
292Kb / 11P
3.3V/5V, Single-Channel 700mA Current-Limited Power Distribution Switch
MP62071 MPS-MP62071 Datasheet
293Kb / 11P
3.3V/5V, Single-Channel 0.8A Current-Limited Power Distribution Switch
MP62130 MPS-MP62130 Datasheet
420Kb / 12P
3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch with Output Discharge
MP62150 MPS-MP62150 Datasheet
602Kb / 10P
3.3V/5V, Single-Channel, 1.5A Current-Limited Power Distribution Switch
MP62170 MPS-MP62170 Datasheet
366Kb / 12P
3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch
MP62260 MPS-MP62260 Datasheet
417Kb / 11P
3.3V/5V, Single-Channel 2A Current-Limited Power Distribution Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com