Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AUIPS1021 Datasheet(PDF) 8 Page - International Rectifier

Part # AUIPS1021
Description  INTELLIGENT POWER LOW SIDE SWITCH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIPS1021 Datasheet(HTML) 8 Page - International Rectifier

Back Button AUIPS1021 Datasheet HTML 4Page - International Rectifier AUIPS1021 Datasheet HTML 5Page - International Rectifier AUIPS1021 Datasheet HTML 6Page - International Rectifier AUIPS1021 Datasheet HTML 7Page - International Rectifier AUIPS1021 Datasheet HTML 8Page - International Rectifier AUIPS1021 Datasheet HTML 9Page - International Rectifier AUIPS1021 Datasheet HTML 10Page - International Rectifier AUIPS1021 Datasheet HTML 11Page - International Rectifier AUIPS1021 Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
AUIPS1021(S)(R)
www.irf.com
8
0
10
20
30
40
50
0.1
1
10
100
50°C/W 25°C ambient
50°C/W 85°C ambient
50°C/W -40°C ambient
0
5
10
15
20
25
30
-50
0
50
100
150
5°C/W
10°C/W
1" sq footprint
std footprint
Tamb, Ambient temperature (°C)
Protection response time (s)
Figure 10 – Ids (A) Vs over temperature
protection response time (s)
Figure 9 – Max. continuous output current (A)
Vs Ambient temperature (°C)
0.01
0.1
1
10
100
1E-05 1E-04 0.001
0.01
0.1
1
10
100
Figure 11 – Max. ouput current (A)
Vs Inductive load (mH)
Inductive load (mH)
Figure 12 – Transient thermal impedance (°C/W)
Vs time (s)
1
10
100
0.001
0.01
0.1
1
Time (s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com