Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AUIPS1021 Datasheet(PDF) 9 Page - International Rectifier

Part # AUIPS1021
Description  INTELLIGENT POWER LOW SIDE SWITCH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIPS1021 Datasheet(HTML) 9 Page - International Rectifier

Back Button AUIPS1021 Datasheet HTML 5Page - International Rectifier AUIPS1021 Datasheet HTML 6Page - International Rectifier AUIPS1021 Datasheet HTML 7Page - International Rectifier AUIPS1021 Datasheet HTML 8Page - International Rectifier AUIPS1021 Datasheet HTML 9Page - International Rectifier AUIPS1021 Datasheet HTML 10Page - International Rectifier AUIPS1021 Datasheet HTML 11Page - International Rectifier AUIPS1021 Datasheet HTML 12Page - International Rectifier AUIPS1021 Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
AUIPS1021(S)(R)
www.irf.com
9
Figure 13 – Input current (µA) On and Off
Vs junction temperature (°C)
Tj, junction temperature (°C)
Figure 14 – Over temperature shutdown (°C)
Vs input voltage (V)
Vin, input voltage (V)
0
50
100
150
200
250
-50
0
50
100
150
I on
I latch
0
20
40
60
80
100
120
140
160
180
200
01
23
4
56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com