Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS9V Datasheet(PDF) 2 Page - saftbatteries

Part # LS9V
Description  Primary lithium-thionyl chloride High energy density Battery pack
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAFT [saftbatteries]
Direct Link  https://www.saftbatteries.com/
Logo SAFT - saftbatteries

LS9V Datasheet(HTML) 2 Page - saftbatteries

  LS9V Datasheet HTML 1Page - saftbatteries LS9V Datasheet HTML 2Page - saftbatteries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Doc. No 31080-2-0911
Information in this document is subject to change without notice
and becomes contractual only after written confirmation by Saft.
For more details on primary lithium technologies please refer to
Primary Lithium Batteries Selector Guide Doc No 31048-2.
Published by the Communications Department.
Photo credit: Saft
Société anonyme au capital de 31 944 000
RCS Bobigny B 383 703 873
Produced in the UK by Arthur Associates Limited.
1
1
10
10
100
100
0.01
0.1
+70°C
+20°C
-40°C
0.1
0.1
1
1
10
10
100
100
0.01
-20°C
+70°C
-40°C
+20°C
11.5
11.0
10.5
10.0
9.5
9.0
8.5
8.0
7.5
7.0
6.5
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0.1
1
10
100
1000
10000
12.0
11.5
11.0
10.5
10.0
9.5
9.0
8.5
8.0
7.5
7.0
6.5
6.0
1
1
10
10
100
100
0.01
0.1
+70°C
+20°C
-40°C
0.1
0.1
1
1
10
10
100
100
0.01
-20°C
+70°C
-40°C
+20°C
11.5
11.0
10.5
10.0
9.5
9.0
8.5
8.0
7.5
7.0
6.5
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0.1
1
10
100
1000
10000
12.0
11.5
11.0
10.5
10.0
9.5
9.0
8.5
8.0
7.5
7.0
6.5
6.0
LS 9 V
battery pack
Time (hours)
Current (mA)
Storage
l
The storage area should be
clean, cool (preferably not
exceeding + 30°C), dry and
ventilated.
Warning
l
Fire, explosion and burn hazard.
l
Do not recharge, short circuit,
crush, disassemble, heat above
100°C (212°F), incinerate,
or expose contents to water.
l
Do not solder directly to the
battery pack.
Saft
Specialty Battery Group
12, rue Sadi Carnot
93170 Bagnolet - France
Tel.: +33 (0)1 49 93 19 18
Fax: +33 (0)1 49 93 19 69
www.saftbatteries.com
47.5
max
49.5
max
17
max
27.5
max
12.7 ± 0.1
Dimensions in mm.
Typical discharge profiles at + 20°C
Voltage plateau versus Current and Temperature (at mid-discharge)
1
1
10
10
100
100
0.01
0.1
+70°C
+20°C
-40°C
0.1
0.1
1
1
10
10
100
100
0.01
-20°C
+70°C
-40°C
+20°C
11.5
11.0
10.5
10.0
9.5
9.0
8.5
8.0
7.5
7.0
6.5
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0.1
1
10
100
1000
10000
12.0
11.5
11.0
10.5
10.0
9.5
9.0
8.5
8.0
7.5
7.0
6.5
6.0
Current (mA)
Restored Capacity versus Current and Temperature (6.0 V cut-off)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com