Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS9V Datasheet(PDF) 1 Page - saftbatteries

Part # LS9V
Description  Primary lithium-thionyl chloride High energy density Battery pack
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAFT [saftbatteries]
Direct Link  https://www.saftbatteries.com/
Logo SAFT - saftbatteries

LS9V Datasheet(HTML) 1 Page - saftbatteries

  LS9V Datasheet HTML 1Page - saftbatteries LS9V Datasheet HTML 2Page - saftbatteries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A prismatic battery pack for a wide
range of applications requesting
low base currents combined with
superimposed pulses. The LS 9 V
version yields good voltage readings
in a wide T range (-60°C to +85°C).
Benefits
l
High voltage, stable during most
of the application’s lifetime
l
Wide operating temperature
range
l
Low self-discharge rate
(less than 1 % per year of
storage at + 20°C)
l
Easy integration into compact
systems
Key features
l
Pack assembled from three
½ AA-sized (and UL-recognized)
cells connected in series
l
Component cells with stainless
steel container and hermetic
glass-to-metal sealing
l
Plastic sleeve for battery housing
l
Miniature snap-on terminals
l
Non-flammable electrolyte
l
Non-restricted for transport
Main applications
l
Memory back-up
l
Alarm and security devices
l
Smoke detectors
l
Alarm equipment
l
Industrial electronics
l
Medical equipment
September 2011
Pack construction
Primary lithium batteries
LS 9 V
Primary lithium-thionyl chloride (Li-SOCl2)
High energy density
Battery pack
Pack designation
LS 9 V
Part number
C10-0046
Electrical characteristics
(typical values relative to cells stored for one year or less at + 30°C max.)
Nominal capacity
1.2 Ah
(at 1 mA, + 20°C, 6.0 V cut-off. The capacity restored by the battery pack
(1.0 mA)
varies according to current drain, temperature and cut-off)
Open circuit voltage (at + 20°C)
11.0 V
Nominal voltage
(at + 20°C and 0.1 mA)
10.8 V
Pulse capability: Typically up to
100 mA
(0.1 second pulses, drained every 2 mn at + 20°C from undischarged
cells with 10 µA base current, yield voltage readings above 3.0 V.
The readings may vary according to the pulse characteristics, the
temperature, and the cell’s previous history. Fitting the cell with a
capacitor may be recommended in severe conditions. Consult Saft)
Maximum recommended continuous current
35 mA
(Higher currents possible, consult Saft)
Storage
(recommended)
+ 30°C (+ 86°F) max
(for more severe conditions, consult Saft)
Operating temperature range
- 60°C/+85°C
(Operation above ambient T may lead to reduced capacity and
(- 76°F/+ 185°F)
lower voltage readings at the beginning of pulses. Consult Saft)
Typical weight
29 g (1 oz)
Li metal content
approx. 0.9 g
3
LS 14250
in series


Similar Part No. - LS9V

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
LS9 CITIZEN-LS9 Datasheet
474Kb / 2P
Illuminated Type
logo
Pan Jit International I...
LS914 PANJIT-LS914 Datasheet
92Kb / 3P
SWITCHING DIODES
logo
Taiwan Semiconductor Co...
LS914B TSC-LS914B Datasheet
91Kb / 2P
500mW Hermetically Sealed Glass Fast Switching Diodes
LS914B TSC-LS914B Datasheet
106Kb / 2P
500mW High Speed SMD Switching Diode
LS914B TSC-LS914B Datasheet
221Kb / 4P
500mW High Speed SMD Switching Diode
More results

Similar Description - LS9V

ManufacturerPart #DatasheetDescription
logo
saftbatteries
LS33600 SAFT-LS33600 Datasheet
472Kb / 2P
3.6 V Primary lithium-thionyl chloride High energy
logo
XENOENERGY Co.Ltd.,
XL-050F-CASE XENO-XL-050F-CASE Datasheet
227Kb / 1P
Thionyl Chloride Lithium Battery
XL-050F XENO-XL-050F Datasheet
265Kb / 1P
Thionyl Chloride Lithium Battery
XL-055F XENO-XL-055F Datasheet
128Kb / 1P
Thionyl Chloride Lithium Battery
XL-060F XENO-XL-060F Datasheet
211Kb / 1P
Thionyl Chloride Lithium Battery
XL-100F XENO-XL-100F Datasheet
126Kb / 1P
Thionyl Chloride Lithium Battery
XL-145F XENO-XL-145F Datasheet
145Kb / 1P
Thionyl Chloride Lithium Battery
XL-205F-LM XENO-XL-205F-LM Datasheet
181Kb / 1P
Thionyl Chloride Lithium Battery
XL-205F XENO-XL-205F Datasheet
146Kb / 1P
Thionyl Chloride Lithium Battery
XLP-055F XENO-XLP-055F Datasheet
137Kb / 1P
Thionyl Chloride Lithium Battery
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com