Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS196-307 Datasheet(PDF) 2 Page - Alpha Industries

Part # AS196-307
Description  GaAs IC High Isolation SPDT Non-Reflective Switch with Driver DC-6.0 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AS196-307 Datasheet(HTML) 2 Page - Alpha Industries

  AS196-307 Datasheet HTML 1Page - Alpha Industries AS196-307 Datasheet HTML 2Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GaAs IC High Isolation SPDT Non-Reflective Switch with Driver DC–6.0 GHz
AS196-307
2
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
Specifications subject to change without notice. 11/00A
J2
GND
GND
J3
VCC
VCTL
J1
GND
1
2
3
4
12
11
10
9
Pin Out (Bottom View)
“0” = 0–0.5 V.
“1” = 3.5–5 V.
VCC = 5 V.
VCTL
J1–J2
J1–J3
0
Insertion Loss
Isolation
1
Isolation
Insertion Loss
Truth Table
Insertion Loss vs. Frequency
Frequency (GHz)
-2.50
-2.25
-2.00
-1.75
-1.50
-1.25
-1.00
-0.75
-0.50
-0.25
0
01
2
3
4
5
6
J1–J2
J1–J3
Isolation vs. Frequency
Frequency (GHz)
0123456
-70
-60
-50
-40
-30
-20
-10
0
J1–J2
J1–J3
VSWR vs. Frequency
Frequency (GHz)
0123456
1.0
1.2
1.4
1.6
1.8
2.0
S11 On
S22 Off
S22 On
Typical Performance Data (0, +5 V)
Characteristic
Value
RF Input Power
1 W Max. > 500 MHz,
0/+8 V Control
Control Voltage
-0.2 V, +8 V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
ΘJC
25°C/W
Absolute Maximum Ratings



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com