Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS196-307 Datasheet (PDF) - Alpha Industries

AS196-307 Datasheet PDF - Alpha Industries
Part # AS196-307
Download  AS196-307 Download
File Size   332.01 Kbytes
Page   2 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description GaAs IC High Isolation SPDT Non-Reflective Switch with Driver DC-6.0 GHz

AS196-307 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS196-307 Datasheet PDF - Alpha Industries

Part # AS196-307
Download  AS196-307 Click to download

File Size   332.01 Kbytes
Page   2 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description GaAs IC High Isolation SPDT Non-Reflective Switch with Driver DC-6.0 GHz

AS196-307 Datasheet (HTML) - Alpha Industries


AS196-307 Product details

Description
The AS196-307 is a GaAs FET IC SPDT non-reflective switch packaged in a 16 lead leadless exposed pad plastic package for low cost, high isolation commercial applications. Ideal building block for base station applications where synthesizer isolation is critical.Typical applications include GSM, PCS, WCDMA, 2.4 and 5.8 GHz ISM and wireless local loop.

Features
■ Positive Voltage Control (0/+3 to 0/+5 V)
■ High Isolation (55 dB @ 0.9 GHz and 1.9 GHz)
■ LPCC 4 x 4 mm Package
■ Integrated Silicon CMOS Driver
■ Non-Reflective




Similar Part No. - AS196-307

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS196-307 SKYWORKS-AS196-307 Datasheet
688Kb / 6P
GaAs IC High-Isolation SPDT Nonreflective Switch with Driver LF-6 GHz
AS196-307LF SKYWORKS-AS196-307LF Datasheet
688Kb / 6P
GaAs IC High-Isolation SPDT Nonreflective Switch with Driver LF-6 GHz
More results


Similar Description - AS196-307

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AS006M2-93 ALPHA-AS006M2-93 Datasheet
47Kb / 2P
GaAs IC SPDT Switch Non-Reflective DC-6 GHz
AS186-302 ALPHA-AS186-302 Datasheet
122Kb / 3P
GaAs IC High Isolation Positive Control SPDT Non-Reflective Switch DC-4.0 GHz
logo
Hittite Microwave Corpo...
HMC336MS8G HITTITE-HMC336MS8G Datasheet
176Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE POSITIVE CONTROL SWITCH, DC - 6.0 GHz
HMC349MS8G HITTITE-HMC349MS8G Datasheet
210Kb / 6P
HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
logo
Alpha Industries
AS002M2-12 ALPHA-AS002M2-12 Datasheet
25Kb / 2P
GaAs IC SPDT Switch Non-Reflective DC-2.5 GHz
logo
Skyworks Solutions Inc.
AS338-12 SKYWORKS-AS338-12 Datasheet
426Kb / 2P
GaAs IC SPDT Switch Non-Reflective DC-2.5 GHz
AS229-350 SKYWORKS-AS229-350 Datasheet
139Kb / 2P
GaAs IC SPDT Switch Non-Reflective DC-6 GHz
logo
Hittite Microwave Corpo...
HMC336MS8G HITTITE-HMC336MS8G_07 Datasheet
205Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE POSITIVE CONTROL SWITCH, DC* - 6.0 GHz
HMC349LP4C HITTITE-HMC349LP4C_06 Datasheet
278Kb / 6P
HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC349LP4C HITTITE-HMC349LP4C_08 Datasheet
204Kb / 6P
HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com